Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3708 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK3708
Description  General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3708 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK3708 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3708 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3708 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3708 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK3708
No.7707-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=20V, f=1MHz
4200
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
300
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
250
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
29.5
ns
Rise Time
tr
See specified Test Circuit.
65
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
310
ns
Fall Time
tf
See specified Test Circuit.
105
ns
Total Gate Charge
Qg
VDS=50V, VGS=10V, ID=30A
73
nC
Gate-to-Source Charge
Qgs
VDS=50V, VGS=10V, ID=30A
12.5
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=50V, VGS=10V, ID=30A
16
nC
Diode Forward Voltage
VSD
IS=30A, VGS=0
0.92
1.2
V
Package Dimensions
unit : mm
2063A
Switching Time Test Circuit
Unclamped Inductive Test Circuit
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220ML
1.6
1.2
0.75
10.0
3.2
2.55
2.55
2.4
4.5
2.8
0.7
2.55
2.55
1
23
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID=15A
RL=3.33Ω
VDD=50V
VOUT
2SK3708
VIN
10V
0V
VIN
50
≥50Ω
RG
DUT
VDD
L
15V
0V


Similar Part No. - 2SK3708

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3708 ISC-2SK3708 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3708

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com