Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62433FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M62433FP
Description  DIGITAL SOUND CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62433FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62433FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62433FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62433FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62433FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62433FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62433FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62433FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62433FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62433FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ELECTRIC
MITSUBISHI
MITSUBISHI SOUND PROCESSORS
M62433FP
DIGITAL SOUND CONTROLLER
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
(
/
2 1 )
D - 62433Q - 78A
• Capable of controlling functions with serial data
6-input selector
5band tone control (0, ±3, ±6, ±10dB)
Bass boost (loudness type) [ON/OFF]
Surround (using external delay) [ON/OFF]
Voice cancel (stereo) [ON/OFF]
Multilingual record switching [L only/R only]
Electric volume 32steps ( 0dB ~
∞ )
SW mode for control of DPL and other sound
fields 3 lines for Rec output,2 lines for port output
• Supporting digital delay
• Input/output of adapter supporting karaoke control
Home Audio equipment,Radio-Cassette tape recorder,TV
Supply voltage range • • • • ±4.5 ~ ±7.3V
Rated supply voltage • • • • ±7 V
SYSTEM BLOCK DIAGRAM
RECOMMENDED OPERATING CONDITIONS
APPLICATION
FEATURES
PACKAGE
Outline
Pitch : 0.8 mm
Size : 20.0 mm X 14.0mm
X 2.8mm
80P6N
µ -com Interface
CLK
DATA
6-Input
selector
RECOUT 2
(3-Outputs)
RECOUT1 (3-Outputs)
Bass boost
IN A
SW FOR:
Multilingual
switching
Vocal cancel
Surround
DPL and
other modes
KEY1
KEY2
Tone
Electric
volume
PORTA
PORTB
LATCH
1
SINGLE CHIP ANALOG SOUND PROCESSOR
IN B
IN C
IN D
IN E
IN F
OUT2
OUT1


Similar Part No. - M62433FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62430 MITSUBISHI-M62430 Datasheet
160Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SRSsurround
M62430FP MITSUBISHI-M62430FP Datasheet
160Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SRSsurround
M62431 MITSUBISHI-M62431 Datasheet
92Kb / 7P
   7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62431FP MITSUBISHI-M62431FP Datasheet
92Kb / 7P
   7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62434 MITSUBISHI-M62434 Datasheet
65Kb / 13P
   SOUND CONTROLLER FOR TV
More results

Similar Description - M62433FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62428FP MITSUBISHI-M62428FP Datasheet
169Kb / 18P
   DIGITAL SOUND CONTROLLER
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
   DIGITAL SOUND CONTROLLER
logo
Renesas Technology Corp
M62428FP RENESAS-M62428FP Datasheet
6Mb / 19P
   DIGITAL SOUND CONTROLLER
logo
Mitsubishi Electric Sem...
M615XXFP MITSUBISHI-M615XXFP Datasheet
383Kb / 16P
   Digital controlled Sound Controller
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62430FP MITSUBISHI-M62430FP Datasheet
160Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SRSsurround
M62445FP MITSUBISHI-M62445FP Datasheet
218Kb / 17P
   DIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com