Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC6017 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6017
Description  PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6017 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6017 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6017 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2169 / 2SC6017
No.8275-3/5
Ta=75
°C
25
°C
--25
°C
1000
100
7
7
5
3
2
5
--0.01
3
25
--10
--0.1
73
25
7
3
25 7
--1.0
hFE -- IC
2SA2169
VCE= --2V
1000
100
7
7
5
3
2
5
0.01
3
25
10
0.1
73
25
7
3
25 7
1.0
IT08965
hFE -- IC
IT08966
0
0
IC -- VBE
IT08964
2SA2169
VCE= --2V
--1.0
--0.8
--0.6
--0.4
--0.2
1.0
0.8
0.6
0.4
0.2
0
0
--0.2
--0.1
--0.4
--0.3
--0.6
--0.5
--0.8
--1.0
--0.7
--0.9
0.2
0.1
0.4
0.3
0.6
0.5
0.8
1.0
0.7
0.9
IC -- VBE
IT08963
2SC6017
VCE=2V
Ta=75
°C
25
°C
--25
°C
2SC6017
VCE=2V
f T -- IC
3
100
10
2
7
5
3
2
--0.01
25 7
3
--0.1
25 7
32
5 7
3
--1.0
--10
IT08969
2SA2169
VCE= --5V
f T -- IC
IT08970
2SC6017
VCE=5V
Cob -- VCB
3
2
2
7
5
3
100
IT08968
2SC6017
f=1MHz
Cob -- VCB
5
3
2
7
5
3
100
37
--0.1
25
2
--1.0
37
52
3
7
5
--10
37
0.1
25
2
1.0
37
52
3
7
5
10
IT08967
2SA2169
f=1MHz
3
100
10
2
7
5
3
2
0.01
25 7
3
0.1
25 7
32
5 7
3
1.0
10
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V


Similar Part No. - 2SC6017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC6017 ONSEMI-2SC6017 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
logo
Inchange Semiconductor ...
2SC6017 ISC-2SC6017 Datasheet
334Kb / 3P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
2SC6017-E ONSEMI-2SC6017-E Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6017-TL-E ONSEMI-2SC6017-TL-E Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SC6017

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3123 SANYO-CPH3123 Datasheet
59Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5522 SANYO-CPH5522 Datasheet
61Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5518 SANYO-CPH5518 Datasheet
62Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC5999 SANYO-2SC5999 Datasheet
37Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6064 SANYO-2SC6064 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
2SC6043 SANYO-2SC6043 Datasheet
39Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
F5H2101 SANYO-F5H2101 Datasheet
64Kb / 5P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SA2192 SANYO-2SA2192 Datasheet
45Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com