Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6841DUKD3 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6841DUKD3
Description  Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6841DUKD3 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6841DUKD3 Datasheet HTML 1Page - Maxim Integrated Products MAX6841DUKD3 Datasheet HTML 2Page - Maxim Integrated Products MAX6841DUKD3 Datasheet HTML 3Page - Maxim Integrated Products MAX6841DUKD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6841DUKD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6841DUKD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6841DUKD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6841DUKD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6841DUKD3 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX6841–MAX6845 microprocessor (µP) supervi-
sory circuits monitor ultra-low-voltage power supplies in
µP and digital systems. They provide excellent circuit
reliability at low cost by eliminating external compo-
nents and adjustments when used with +0.9V to +1.5V
systems. Factory-trimmed reset thresholds are avail-
able for the MAX6841/MAX6842. The MAX6843/
MAX6844/MAX6845 provide a RESET IN input, allowing
the user to externally adjust the reset threshold. The
MAX6841–MAX6845 family features a debounced man-
ual reset input (MR). The reset comparator is designed
to ignore fast transients on VCC.
The MAX6841–MAX6845 assert a reset signal whenev-
er the VCC supply voltage declines below a preset or
adjustable threshold or whenever manual reset (MR) is
asserted. Reset remains asserted for a fixed timeout
delay after VCC has risen above the reset threshold and
when manual reset is deasserted. Five timeout periods
are available for each part: 150µs (voltage detector ver-
sion), 1.5ms, 30ms, 210ms, and 1.68s (typ).
The MAX6841/MAX6843 have an active-low push-pull
reset output. The MAX6841/MAX6842/MAX6844 have
an active-high push-pull reset output, and the
MAX6842/MAX6845 have an active-low open-drain
reset output. The active-low open-drain reset output
requires a pullup resistor that can be connected to a
voltage from 0 to VCC.
The low supply current (5.7µA) and small package
(SOT23-5) make the MAX6841–MAX6845 ideal for use
in portable equipment.
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Telecom/Networking Equipment
Basestations
Servers/Workstations
Features
o Factory-Set Reset Threshold Voltages for
Monitoring Supplies from 0.9V to 1.5V
(MAX6841/MAX6842)
o Adjustable Threshold RESET IN
(MAX6843/MAX6844/MAX6845)
o Low Power Consumption: 5.7µA (typ)
o ±2.5% Reset Threshold Accuracy
Over Temperature
o Five Timeout Periods: 150µs (Voltage Detector
Version), 1.5ms, 30ms, 210ms, and 1.68s
o Available in Three Output Configurations
Push-Pull RESET
Push-Pull RESET
Open-Drain RESET
o Guaranteed Reset Valid to VCC = 0.55V
(Active Low)
o Manual Reset Input
o Immune to Short VCC Transients
o Space-Saving 5-Pin SOT23 Package
Ultra-Low-Voltage µP Reset Circuits and
Voltage Detectors
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2625; Rev 1; 2/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Selector Guide and Typical Operating Circuit appear at end
of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX6841_UKD_-T
-40
°C to +85°C
5 SOT23-5
MAX6842_UKD_-T
-40
°C to +85°C
5 SOT23-5
MAX6843UKD_-T
-40
°C to +85°C
5 SOT23-5
MAX6844UKD_-T
-40
°C to +85°C
5 SOT23-5
MAX6845UKD_-T
-40
°C to +85°C
5 SOT23-5
GND
RESET
15 VCC
MAX6841
MAX6842
SOT23-5
TOP VIEW
2
34
RESET
MR
( ) ARE FOR 6844
GND
RESET IN
15 VCC
MAX6843
MAX6844
MAX6845
SOT23-5
2
34
RESET
(RESET)
MR
Pin Configurations
Note: Insert desired suffix letter (from the Threshold Suffix Guide
and the Active Timeout Period tables) into the blanks to com-
plete the part number. For example, the MAX6842GUKD1 has a
reset threshold of 1.11V and a typical reset timeout period of
1.5ms. Sample stock is generally available on standard versions
only (see the Standard Versions table). Standard versions
require a minimum order increment of 2.5k units. Nonstandard
versions must be ordered in 10k-unit increments. Contact factory
for availability. All parts are offered in tape-and-reel only.


Similar Part No. - MAX6841DUKD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6841_UKD_-T MAXIM-MAX6841_UKD_-T Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
More results

Similar Description - MAX6841DUKD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com