Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-T251-XXXE Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-T251-XXXE
Description  0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-T251-XXXE Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-T251-XXXE Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-T251-XXXE Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-T251-XXXE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-T251-XXXE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-T251-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-T251-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Switching Specifications (AC) (Compared with HCPL-3140)
Over recommended operating conditions (TA = -40 to 100°C, IF(ON) = 8 to 12 mA, VF(OFF) = -3.0 to 0.8 V,
VCC = 15 to 30 V, VEE = Ground) unless otherwise specified.
HCPL-3140
HCPL-T251
(-40
°C ~ 100°C)
(-20
°C ~ 70°C)
Test
Parameter
Symbol Units
Min.
Typ.*
Max.
Min.
Typ.*
Max.
Conditions
Note
Propagation Delay
tPHL
µs
0.1
0.2
0.7
0.25
1
Time to High
Output Level
Propagation Delay
TPLH
µs
0.1
0.3
0.7
0.25
1
Time to Low
Output Level
Output Rise Time
tR
ns
50
N.A.
Output Fall Time
tF
ns
50
N.A.
Propagation
(tPHL -
µs
-0.5
0.5
N.A.
N.A.
4
Delay Difference
tPLH)
Between Any
PDD
Two Parts
Output High
|CMH|
kV/
µs10
10
TA = 25°C5
Level Common
VCC = 30 V
Mode Transient
HCPL
IF = 10 mA
Immunity
-3140
VCM = 1000 V
HCPL
IF = 8 mA
-T251
VCM = 600 V
Output Low
|CML|
kV/
µs10
10
TA = 25°C5
Level Common
VF = 0 V
Mode Transient
HCPL
Immunity
-3140
VCM = 1000 V
HCPL
-T251
VCM = 600 V
*All typical values at TA = 25°C and VCC - VEE = 30 V, unless otherwise noted.
Notes:
4. The difference between tPHL and tPLH between any two HCPL-3140 parts under the same test condition.
5. Common mode transient immunity in the high state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure
that the output will remain in the high state (i.e., VO > 15.0 V).
6. Common mode transient immunity in a low state is the maximum tolerable dVCM/dt of the common mode pulse, VCM, to assure that
the output will remain in a low state (i.e., VO < 1.0 V).
Rg = 47
Cg = 3 nF,
f = 10 kHz,
Duty Cycle = 50%


Similar Part No. - HCPL-T251-XXXE

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-T251-XXXE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com