Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-G1 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-G1
Description  Compact Power Relay 1 Pole-25A for Automotive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-G1 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-G1 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-G1 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FTR-G1 SERIES
Item
FTR-G1
Contact
Arrangement
1formC
Material
Silver-tinoxide-indium
ContactPathVoltageDrop(initial)Maximum100mΩ(at6VDC1Aafterstabilization)
Rating
25Aat14VDC(lockedmotorload)
MaximumCarryCurrent*1
25A/1hour(25°C,100%ratedcoilvoltage)
MaximumSwitchingCurrent(reference)35A,16VDC
Minimumload(reference)*2
1A,6VDC
Coil
Ratedcoilpower(20°C)
640mW
Operatecoilpower(20°C)
237mW
OperatingAmbientTemperatureRange–40°Cto+85°C(nofrost)
TimeValues Operate(atnominalvoltage) Maximum10ms(notincludingbounce)
Release(atnominalvoltage) Maximum5ms(notincludingbounce,nodiode)
Life Mechanical
1x106operationsminimum
Electrical
1)100x103operationminimum,14VDC,25Ainrushpowerwindow
motor(1operation:1forwardand1reverse)
2)100x103ops.min.14VDC,20Ainrushdoorlockedmotor
Other
VibrationResistanceMisoperation10-55HZ,1.5mmdoubleamplitude
ShockResistanceMisoperation100m/s2minimum(10G)
Endurance1,000m/s2mimimum(100G)
InsulationResistance(initial) Max.100MΩ@500VDC
DielectricWithstandingVoltage(initial)500VAC
Weight
Approximately3.5g
n
SPECIFICATIONS
Model
Nominal
Coil
Voltage
Coil
Resistance
(±10% at
20°C)
Must Operate
Voltage
Must
Release
Voltage
(at 20°C)
Coil
Power at
Nominal
Voltage
FTR-G1CN009W1
9VDC
126
5.4VDC(at85°C)
0.75VDC
0.64W
6.8VDC(at85°C)
FTR-G1CN010W1 10VDC
160
6.5VDC(at85°C)
0.8VDC
0.64W
8.2VDC(at85°C)
FTR-G1CN012W1 12VDC
225
7.3VDC(at85°C)
1.0VDC
0.64W
9.2VDC(at85°C)
n
COIL DATA CHART
FTR-G1Series
*1NeedtoconsidertheheadfromPCBwhenmax.currentismorethan10A.
*2Valueswhenswitchingaresistiveloadatnormalroomtemperatureandhumidityandinacleanenvironment.
Theminimumswitchingloadvarieswiththeswitchingfrequencyandoperatingenvironment.


Similar Part No. - FTR-G1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-G1 FUJITSU-FTR-G1 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1CN009W1 FUJITSU-FTR-G1CN009W1 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1CN010W1 FUJITSU-FTR-G1CN010W1 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1CN012W1 FUJITSU-FTR-G1CN012W1 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
More results

Similar Description - FTR-G1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com