Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL07W Datasheet(PDF) 3 Page - Seme LAB

Part # LL07W
Description  MINIATURE FLUORESCENT BULBS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LL07W Datasheet(HTML) 3 Page - Seme LAB

  LL07W Datasheet HTML 1Page - Seme LAB LL07W Datasheet HTML 2Page - Seme LAB LL07W Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Optical Characteristic
Ultra-violet
White
Blue
Green
Red
Unit
Part Number
LL07UV
LL07W
LL07B
LL07G
LL07R
Luminance(peak value)
3900
1600
7000
2700
cd/m2
Radiant Intensity
2.7
mW/sr
Chromaticity
x
0.290
0.130
0.223
0.572
y
0.350
0.075
0.645
0.310
SYSTEMS DIVISION
LL07 RANGE
MINIATURE FLUORESCENT BULBS
Semelab plc
Telephone (01455) 556565
Fax (01455) 552612.
E-mail: sales@semelab.co.uk
Web site: http://www.semelab.co.uk.
Prelim. 10/98
Semelab Plc. reserve the right to change the products shown on this datasheet in the interest of improved specification. No responsibility is assumed for the use of
information contained herein, nor for any infringement of patent or rights of others that may result from such use. No license is granted by implication or otherwise
under any patent or patent right of Semelab Plc.
Spectral Plot of White
Fl
0
20
40
60
80
100
200
300
400
500
600
700
800
Wavelength (nm)


Similar Part No. - LL07W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LL01-1AA01 TEC-LL01-1AA01 Datasheet
194Kb / 3P
   RELAY VERSION
LL01-1AA04 TEC-LL01-1AA04 Datasheet
194Kb / 3P
   RELAY VERSION
LL01-1AA10 TEC-LL01-1AA10 Datasheet
194Kb / 3P
   RELAY VERSION
LL01-1AA20 TEC-LL01-1AA20 Datasheet
194Kb / 3P
   RELAY VERSION
LL01-1AB01 TEC-LL01-1AB01 Datasheet
194Kb / 3P
   RELAY VERSION
More results

Similar Description - LL07W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF22160-24B ETC1-BF22160-24B Datasheet
121Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
BF3100-20B ETC2-BF3100-20B Datasheet
427Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
BF20218-24B ETC2-BF20218-24B Datasheet
128Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
BF6200-20B ETC2-BF6200-20B Datasheet
196Kb / 1P
   SINGLE LEAD TIPLESS MINIATURE FLUORESCENT LAMP
logo
Altech corporation
MCB15XXX ALTECH-MCB15XXX Datasheet
424Kb / 1P
   30 mm Replacment LED Bulbs
MCB9XYYY ALTECH-MCB9XYYY Datasheet
340Kb / 1P
   22 mm LED Bulbs MCB9xyyy
BA15DXXX ALTECH-BA15DXXX Datasheet
145Kb / 1P
   30 mm Replacment Filament Bulbs
logo
TDK Electronics
CXA-P1212-VJL TDK-CXA-P1212-VJL Datasheet
66Kb / 2P
   Connector type, Dimming, 7W, For 2 bulbs
logo
List of Unclassifed Man...
F4T5 ETC-F4T5 Datasheet
47Kb / 1P
   preheat fluorescent lamps
logo
TDK Electronics
CXA-P1212A-WJL TDK-CXA-P1212A-WJL Datasheet
85Kb / 2P
   DC to AC Inverters Connector type, Dimming, 8W, For 2 Bulbs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com