Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M50FLW040AK1G Datasheet(PDF) 8 Page - STMicroelectronics

Part # M50FLW040AK1G
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AK1G Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M50FLW040AK1G Datasheet HTML 4Page - STMicroelectronics M50FLW040AK1G Datasheet HTML 5Page - STMicroelectronics M50FLW040AK1G Datasheet HTML 6Page - STMicroelectronics M50FLW040AK1G Datasheet HTML 7Page - STMicroelectronics M50FLW040AK1G Datasheet HTML 8Page - STMicroelectronics M50FLW040AK1G Datasheet HTML 9Page - STMicroelectronics M50FLW040AK1G Datasheet HTML 10Page - STMicroelectronics M50FLW040AK1G Datasheet HTML 11Page - STMicroelectronics M50FLW040AK1G Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
M50FLW040A, M50FLW040B
8/52
Figure 4. PLCC Connections
Note: Pins 27 and 28 are not internally connected.
Figure 5. TSOP32 Connections
AI08419B
NC
FWH4/LFRAME
17
ID1
ID0
FWH0/LAD0
GPI1
TBL
ID3/RFU
ID2
GPI0
WP
9
VSS
1
VCC
NC
RFU
32
M50FLW040A
M50FLW040B
IC (VIL)
INIT
RFU
25
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
NC
W
VSS
VCC
NC
DQ7
IC (VIH)
G
RB
A/A Mux
A/A Mux
A/A Mux
A/A Mux
AI09742B
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A9
A8
W
DQ7
G
NC
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
ID1
FWH1/LAD1
FWH2/LAD2
GPI3
TBL
ID2
GPI0
WP
NC
NC
RFU
GPI4
NC
FWH4/LFRAME
RFU
FWH3/LAD3
VSS
RFU
RFU
CLK
RP
VPP
VCC
M50FLW040A
M50FLW040B
8
1
9
16
17
24
25
32
ID3/RFU
VSS
INIT
IC
NC
GPI2
FWH0/LAD0
GPI1
ID0
NC
NC
IC (VIH)
NC
NC
RC
RP
VPP
VCC
A10
VSS


Similar Part No. - M50FLW040AK1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW040AK5G STMICROELECTRONICS-M50FLW040AK5G Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040AK5P STMICROELECTRONICS-M50FLW040AK5P Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040AK5TG STMICROELECTRONICS-M50FLW040AK5TG Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
M50FLW040AK5TP STMICROELECTRONICS-M50FLW040AK5TP Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
More results

Similar Description - M50FLW040AK1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW080A STMICROELECTRONICS-M50FLW080A Datasheet
534Kb / 64P
   8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
M50FLW040A STMICROELECTRONICS-M50FLW040A_06 Datasheet
534Kb / 64P
   4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
STMicroelectronics
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
STMicroelectronics
M50LPW116 STMICROELECTRONICS-M50LPW116 Datasheet
259Kb / 36P
   16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
February 2003
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
STMicroelectronics
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com