Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM8200-12 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8200-12
Description  40MSPS ADC with PGA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8200-12 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8200-12 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8200-12 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
WM8200
Product Preview
w
PP Rev 1.22 March 2002
9
DC CLAMP
The WM8200 incorporates a clamp function for restoring the DC reference level of AC coupled input
signals. When the clamp input pin is held high the internal clamp amplifier forces the voltage at
AINP to equal the clamp reference voltage, setting the DC level at AINP.
The clamp reference voltage comes from the on-chip 10-bit Clamp Level DAC by default, however it
can be applied to the AINN pin if the CLPSEL register bit is set high.
CLAMP
AINN
-
+
AINP
10-Bit DAC
SW1
Control
Register
S/H
R
IN
C
IN
Vclamp
Figure 3 Schematic of Clamp Circuitry
Figure 4 shows an example of using the clamp to restore the black level of a composite video input
AC coupled to AINN. While the clamp pin is held high, the clamp amplifier forces the voltage at AINN
to equal the clamp reference voltage, setting the DC voltage at AINN for the video black level.
VIDEO AT
AINN
CLAMP
Line sync
Black
level
Figure 4 Example Waveforms for Line-Clamping to a Video Input Black Level
If the CLAMP amplifier is not required it can be disabled for power saving purposes by setting the
CLPDIS register bit to high.
CLAMP DAC OUTPUT VOLTAGE RANGE AND LIMITS
Important: When using the internal clamp DAC in Top/Bottom or Centre Span Mode, the user must
ensure that the desired DC clamp level at AIN lies within the voltage range REFB to REFT. This is
because the clamp DAC voltage is constrained to lie within this range REFB to REFT. Specifically:
VDAC = REFB + (REFT – REFB) x (0.006 +0.988 x (DAC_code)/1024)
DAC codes can range from 0 to 1023. Figure 5 shows the clamp DAC output voltage versus the
DAC code.


Similar Part No. - WM8200-12

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
logo
Cirrus Logic
WM8213 CIRRUS-WM8213 Datasheet
671Kb / 38P
   24MSPS 16-bit CCD Digitiser
logo
Wolfson Microelectronic...
WM8213SCDR WOLFSON-WM8213SCDR Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
WM8213SCDS WOLFSON-WM8213SCDS Datasheet
677Kb / 38P
   24MSPS 16-bit CCD Digitiser
WM8213SCDS/RV WOLFSON-WM8213SCDS/RV Datasheet
671Kb / 38P
   24MSPS 16-bit CCD Digitiser
More results

Similar Description - WM8200-12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Asahi Kasei Microsystem...
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
logo
Maxim Integrated Produc...
MAX1206 MAXIM-MAX1206 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
logo
Asahi Kasei Microsystem...
AK5354 AKM-AK5354 Datasheet
109Kb / 19P
   LOW POWER 20 BIT ADC WITH PGA
logo
Analog Devices
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD1555 AD-AD1555 Datasheet
429Kb / 24P
   24-Bit ADC WITH LOW NOISE PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
   24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
   24-Bit ADC with Low Noise PGA
REV. B
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com