Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSVS735 Datasheet(PDF) 3 Page - New Japan Radio

Part # NSVS735
Description  AMPS RX PCS(USA) RX
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSVS735 Datasheet(HTML) 3 Page - New Japan Radio

  NSVS735 Datasheet HTML 1Page - New Japan Radio NSVS735 Datasheet HTML 2Page - New Japan Radio NSVS735 Datasheet HTML 3Page - New Japan Radio NSVS735 Datasheet HTML 4Page - New Japan Radio NSVS735 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSVS735 Dec-01
Notice
1. Use this component within operating temperature range. It might not be
satisfied with electrical specification without operating temperature range.
When it is used less than -30ºC or more than +85ºC, it might be a cause of
degradation or destruction of the component. Even if it endures during a short
time, it causes degradation of qualification.
2. When soldering iron is used, solder with the temperature at the tip of soldering
iron: 350ºC max., the time of soldering: 10 seconds max., the power of
soldering iron: 30W max..
3. Notice that the allowed time of soldering with soldering iron is accumulated
time, when soldering is repeated.
4. As rapid temperature change for cleaning after reflow soldering might be a
cause of destruction clean this component after confirming that temperature of
this component goes down to room temperature.
5. Confirm that there are not any influence for qualification to this component in
mounting on PCB when this component is cleaned.
6. As it might be a cause of degradation of destruction to apply static electricity to
this component, do not apply static electricity or excessive voltage while
assembling and measuring. And do not transport this component with bare
hand.
7. As it might be a cause of degradation or destruction to apply D.C. voltage
between each terminal, apply D.C. voltage 7.5V max. in actual circuit.
Note
1. This specification specifies the quality of this component as a single unit. Make
sure that this component is evaluated and confirmed against this specification
when it is mounted to your products.


Similar Part No. - NSVS735

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSVS747 ETC-NSVS747 Datasheet
96Kb / 4P
   314.95MHZ Remote Unlocking
logo
New Japan Radio
NSVS747 NJRC-NSVS747 Datasheet
187Kb / 4P
   NewJRC SAW FILTER
NSVS750 NJRC-NSVS750 Datasheet
80Kb / 4P
   JRC SAW FILTER
NSVS776 NJRC-NSVS776 Datasheet
257Kb / 4P
   NewJRC SAW FILTER
NSVS783 NJRC-NSVS783 Datasheet
72Kb / 4P
   JRC SAW FILTER
More results

Similar Description - NSVS735

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74001 SKYWORKS-CX74001 Datasheet
664Kb / 23P
   Rx ASIC for CDMA, AMPS, and PCS Applications
logo
Fujitsu Component Limit...
FAR-F6KB-1G9600-B4GB FUJITSU-FAR-F6KB-1G9600-B4GB Datasheet
182Kb / 6P
   PCS-Rx (50/150)
FAR-F6KB-1G9600-B4GP FUJITSU-FAR-F6KB-1G9600-B4GP Datasheet
194Kb / 6P
   PCS-Rx (50/100 ohm)
logo
Mitsubishi Electric Sem...
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Transko Electronics, In...
TA1960FQ1 TRANSKO-TA1960FQ1 Datasheet
450Kb / 4P
   PCS, RF-Rx SAW Filter
Revision 0: March 2012
logo
Fujitsu Component Limit...
FAR-G6KE-1G9600-Y4LY FUJITSU-FAR-G6KE-1G9600-Y4LY Datasheet
213Kb / 11P
   CELL/ PCS Rx (50/100ohms)
logo
Skyworks Solutions Inc.
CX74061 SKYWORKS-CX74061 Datasheet
580Kb / 2P
   Rx ASIC for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
logo
Transko Electronics, In...
TA1855DM TRANSKO-TA1855DM Datasheet
434Kb / 4P
   K-PCS, RF-Rx SAW Filter
Revision 0: January 2002
logo
Oscilent Corporation
802-RF1855.0M-D OSCILENT-802-RF1855.0M-D Datasheet
286Kb / 3P
   K-PCS, RF-Rx SAW Filter
logo
Transko Electronics, In...
TA1960JM TRANSKO-TA1960JM Datasheet
478Kb / 4P
   US-PCS, RF-Rx SAW Filter
Revision 0: August 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com