Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF600TR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF600TR
Description  902-928MHz ISM Band Transceiver Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF600TR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF600TR Datasheet HTML 5Page - Micrel Semiconductor MICRF600TR Datasheet HTML 6Page - Micrel Semiconductor MICRF600TR Datasheet HTML 7Page - Micrel Semiconductor MICRF600TR Datasheet HTML 8Page - Micrel Semiconductor MICRF600TR Datasheet HTML 9Page - Micrel Semiconductor MICRF600TR Datasheet HTML 10Page - Micrel Semiconductor MICRF600TR Datasheet HTML 11Page - Micrel Semiconductor MICRF600TR Datasheet HTML 12Page - Micrel Semiconductor MICRF600TR Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Micrel, Inc.
MICRF600
September 2005
9
M9999-091905
How to write:
Bring CS high
Use SCLK and IO to clock in the 23 octets
Bring CS low
Refer to the figure in the next section, “Writing to n
registers having incremental addresses”.
Writing to n Registers Having Incremental Addresses
In addition to entering all bytes, it is also possible to enter
a set of n bytes, starting from address i = “A6, A5, … A0”.
Typical example: Clock in a new set of frequency dividers
(i.e. change the RF frequency). “Incremental addresses”.
Registers to be written are located in i, i+1, i+2.
What to write:
Field
Comments
Address:
7 bit = A6, A5, …A0 (A6 = msb. A0 = lsb) (address of first byte to
write to)
R/W bit:
“0” for writing
Values:
n* 8 bits =
D7, D6, …D0 (D7 = msb, D0 = lsb) (written to control reg. with
address ”i”)
D7, D6, …D0 (D7 = msb, D0 = lsb) (written to control reg. with
address ”i+1”)
D7, D6, …D0 (D7 = msb, D0 = lsb) (written to control reg. with
address ”i+n-1”)
Table 5. “Address” and “R/W bit” together make 1 octet
In addition, n octets with programming bits are entered.
Totally. 1 +n octets are clocked into the MICRF600.
How to write:
Bring CS high
Use SCLK and IO to clock in the 1 + n octets
Bring CS low
In Figure 1, IO is changed at positive edges of SCLK. The
MICRF600 samples the IO line at negative edges. The
value of the R/W bits is always “0” for writing.
CS
SCLK
IO
A6
A5
A0
RW
D7
D6
D2
D1
D0
Address of first
RW
register to write to,
register i
Data to write
into register i
Internal load pulse made here
Data to write
into register i+1
Figure 2. How to write to many Control Registers
Reading from the Control Registers in MICRF600
The “read-sequence” is:
1. Enter address and R/W bit
2. Change direction of IO line
3. Read out a number of octets and change IO
direction back again.
It is possible to read all, 1 or n registers. The address to
read from (or the first address to read from) can be any
valid address (0-22). Reading is not destructive, i.e. values
are not changed. The IO line is output from the MICRF600
(input to user) for a part of the read-sequence. Refer to
procedure description below.
A read-sequence is described for reading n registers,
where n is number 1-23.
Reading n Registers from MICRF600
CS
SCLK
IO
A6
A5
A0
RW D7
D6
D0
Address of register i
RWData read from reg. i
Simple time
IO Input
IO Output
Figure 3. How to read from many Control Registers
In Figure 3, 1 register is read. The address is A6, A5, …
A0. A6 = msb. The data read out is D7, D6, …D0. The
value of the R/W bit is always “1” for reading.
SCLK and IO together form a serial interface. SCLK is
applied externally for reading as well as for writing.
Bring CS active
Enter address to read from (or the first address to
read from) (7 bits) and
The R/W bit = 1 to enable reading
Make the IO line an input to the user (set pin in
tristate)
Read n octets. The first rising edge of SCLK will
set the IO as an output from the MICRF600.
MICRF will change the IO line at positive edges.
The user should read the IO line at the negative
edges.
Make the IO line an output from the user again.


Similar Part No. - MICRF600TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF600 MICREL-MICRF600 Datasheet
292Kb / 18P
   434MHz ISM Band Transceiver Module
MICRF600 MICREL-MICRF600 Datasheet
718Kb / 21P
   902-928MHz ISM Band Transceiver Module
MICRF600Z MICREL-MICRF600Z Datasheet
718Kb / 21P
   902-928MHz ISM Band Transceiver Module
MICRF600 MICREL-MICRF600_06 Datasheet
718Kb / 21P
   902-928MHz ISM Band Transceiver Module
More results

Similar Description - MICRF600TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF600 MICREL-MICRF600_06 Datasheet
718Kb / 21P
   902-928MHz ISM Band Transceiver Module
logo
HOPE Microelectronics C...
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Micrel Semiconductor
MICRF620_0608 MICREL-MICRF620_0608 Datasheet
714Kb / 21P
   434MHz ISM Band Transceiver Module
MICRF620Z MICREL-MICRF620Z Datasheet
714Kb / 21P
   434MHz ISM Band Transceiver Module
MICRF620 MICREL-MICRF620 Datasheet
292Kb / 18P
   434MHz ISM Band Transceiver Module
logo
Pulse A Technitrol Comp...
W3211 PULSE-W3211 Datasheet
769Kb / 14P
   902 928MHz Ceramic On Ground Antenna
logo
Micrel Semiconductor
MICRF610_0608 MICREL-MICRF610_0608 Datasheet
704Kb / 20P
   868-870MHz ISM Band Transceiver Module
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
WS-RFIDANTS ETC2-WS-RFIDANTS Datasheet
244Kb / 1P
   902~928MHz 2dBi RFID Antenna
WS-GAMEBALL-ANT ETC2-WS-GAMEBALL-ANT Datasheet
173Kb / 1P
   902~928MHz 2dBi RFID Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com