Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2645 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2645
Description  3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2645 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2645 Datasheet HTML 3Page - Maxim Integrated Products MAX2645 Datasheet HTML 4Page - Maxim Integrated Products MAX2645 Datasheet HTML 5Page - Maxim Integrated Products MAX2645 Datasheet HTML 6Page - Maxim Integrated Products MAX2645 Datasheet HTML 7Page - Maxim Integrated Products MAX2645 Datasheet HTML 8Page - Maxim Integrated Products MAX2645 Datasheet HTML 9Page - Maxim Integrated Products MAX2645 Datasheet HTML 10Page - Maxim Integrated Products MAX2645 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3.4GHz to 3.8GHz SiGe
Low-Noise Amplifier/PA Predriver
_______________________________________________________________________________________
7
1.0
2.5
2.0
1.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.4
3.5
3.6
3.7
3.8
OUTPUT VSWR vs. FREQUENCY
FREQUENCY (GHz)
LOW GAIN
HIGH GAIN
LOW-NOISE FIGURE CIRCUIT
-35
-25
-30
-15
-20
-5
-10
0
REVERSE ISOLATION vs. FREQUENCY
FREQUENCY (GHz)
3.4
3.5
3.6
3.7
3.8
LOW GAIN
HIGH GAIN
LOW-NOISE FIGURE CIRCUIT
12.0
13.5
13.0
12.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
3.4
3.5
3.6
3.7
3.8
GAIN vs. FREQUENCY
(HIGH-GAIN MODE)
FREQUENCY (GHz)
HIGH-INPUT IP3 CIRCUIT
TA = +25°C
TA = +85°C
TA = -40°C
-15.0
-13.5
-14.0
-14.5
-13.0
-12.5
-12.0
-11.5
-11.0
-10.5
-10.0
3.4
3.5
3.6
3.7
3.8
GAIN vs. FREQUENCY
(LOW-GAIN MODE)
FREQUENCY (GHz)
TA = +25
°C
TA = +85
°C
TA = -40
°C
HIGH-INPUT IP3 CIRCUIT
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3.4
3.5
3.6
3.7
3.8
INPUT VSWR
vs. FREQUENCY
FREQUENCY (GHz)
LOW GAIN
HIGH GAIN
HIGH-INPUT IP3 CIRCUIT
10
13
12
11
14
15
16
17
18
19
20
3.4
3.5
3.6
3.7
3.8
GAIN vs. FREQUENCY
(HIGH-GAIN MODE)
FREQUENCY (GHz)
PA PREDRIVER CIRCUIT
TA = +25
°C
TA = +85
°C
TA = -40
°C
VCC = 5V
-15
-12
-13
-14
-11
-10
-9
-8
-7
-6
-5
3.4
3.5
3.6
3.7
3.8
GAIN vs. FREQUENCY
(LOW-GAIN MODE)
FREQUENCY (GHz)
TA = +25
°C
TA = +85
°C
TA = -40
°C
PA PREDRIVER CIRCUIT
VCC = 5V
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
3.0
3.5
4.0
4.5
5.0
5.5
GAIN vs. SUPPLY VOLTAGE
(HIGH-GAIN MODE)
SUPPLY VOLTAGE (V)
TA = +85
°C
TA = -40
°C
TA = +25
°C
PA PREDRIVER CIRCUIT
VCC = 5V
-12.5
-12.0
-11.5
-11.0
-10.5
-10.0
-9.5
-9.0
-8.5
3.0
3.5
4.0
4.5
5.0
5.5
GAIN vs. SUPPLY VOLTAGE
(LOW-GAIN MODE)
SUPPLY VOLTAGE (V)
TA = +25
°C
TA = +85
°C
TA = -40
°C
PA PREDRIVER CIRCUIT
VCC = 5V
Typical Operating Characteristics (continued)
(MAX2645 EV kit, VCC = +3.3V, RBIAS = 20k
Ω, fRFIN = 3550MHz, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2645

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2645 MAXIM-MAX2645 Datasheet
232Kb / 4P
   Evaluation Kit
Rev 0; 7/00
MAX2645EVKIT MAXIM-MAX2645EVKIT Datasheet
232Kb / 4P
   Evaluation Kit
Rev 0; 7/00
MAX2645 MAXIM-MAX2645_1 Datasheet
232Kb / 4P
   Evaluation Kit
Rev 0; 7/00
More results

Similar Description - MAX2645

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM3438-12UL TOSHIBA-TIM3438-12UL Datasheet
145Kb / 4P
   HIGH POWER P1dB=41.5dBm at 3.4GHz to 3.8GHz
logo
Renesas Technology Corp
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
   SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
   SiGe MMIC High Frequency Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Renesas Technology Corp
HA31006ANP RENESAS-HA31006ANP Datasheet
158Kb / 11P
   SiGe MMIC High Frequency Low Noise Amplifier
logo
RF Micro Devices
SZM-3066Z RFMD-SZM-3066Z Datasheet
444Kb / 12P
   3.3GHz to 3.8GHz 2W POWER AMPLIFIER
logo
California Eastern Labs
UPC8215TU CEL-UPC8215TU Datasheet
291Kb / 8P
   SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
logo
Freescale Semiconductor...
MBC13720NT1 FREESCALE-MBC13720NT1 Datasheet
1,012Kb / 24P
   SiGe C Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com