Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC241D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC241D
Description  RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC241D Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC241D Datasheet HTML 1Page - STMicroelectronics M54HC241D Datasheet HTML 2Page - STMicroelectronics M54HC241D Datasheet HTML 3Page - STMicroelectronics M54HC241D Datasheet HTML 4Page - STMicroelectronics M54HC241D Datasheet HTML 5Page - STMicroelectronics M54HC241D Datasheet HTML 6Page - STMicroelectronics M54HC241D Datasheet HTML 7Page - STMicroelectronics M54HC241D Datasheet HTML 8Page - STMicroelectronics M54HC241D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 241
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9401-035
DESCRIPTION
The 54HC241 is an advanced high-speed CMOS
OCTAL BUS BUFFER (3-STATE) fabricated with
silicon gate C2MOS technology.
Each G and G control inputs governs four BUS
BUFFERs.
This device is designed to be used with 3 state
memory address drivers, etc.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC241
RAD-HARD OCTAL BUS BUFFER
WITH 3 STATE OUTPUTS (NON INVERTED)
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC241D
M54HC241D1
FPC
M54HC241K
M54HC241K1
DILC-20
FPC-20


Similar Part No. - M54HC241D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC241D STMICROELECTRONICS-M54HC241D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC241D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC541 STMICROELECTRONICS-M54HC541_04 Datasheet
254Kb / 11P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HC244 STMICROELECTRONICS-M54HC244 Datasheet
154Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
M54HCT244 STMICROELECTRONICS-M54HCT244_04 Datasheet
227Kb / 10P
   RAD HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HC540 STMICROELECTRONICS-M54HC540_04 Datasheet
266Kb / 11P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M54HC240 STMICROELECTRONICS-M54HC240_04 Datasheet
158Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M54HC245 STMICROELECTRONICS-M54HC245_04 Datasheet
164Kb / 10P
   RAD-HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HCT245 STMICROELECTRONICS-M54HCT245_04 Datasheet
234Kb / 10P
   RAD HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com