Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT2051 Datasheet(PDF) 8 Page - International Rectifier

Part # IRPT2051
Description  Integrated Power Stage for 3 hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT2051 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRPT2051 Datasheet HTML 4Page - International Rectifier IRPT2051 Datasheet HTML 5Page - International Rectifier IRPT2051 Datasheet HTML 6Page - International Rectifier IRPT2051 Datasheet HTML 7Page - International Rectifier IRPT2051 Datasheet HTML 8Page - International Rectifier IRPT2051 Datasheet HTML 9Page - International Rectifier IRPT2051 Datasheet HTML 10Page - International Rectifier IRPT2051 Datasheet HTML 11Page - International Rectifier IRPT2051 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
page 8
IRPT2051
IRPT2051DMechanicalSpecifications
NOTE: Dimensions are in inches (millimeters)


Similar Part No. - IRPT2051

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2056A IRF-IRPT2056A Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
More results

Similar Description - IRPT2051

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
   Integrated Power Stage for 15 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT1059 IRF-IRPT1059 Datasheet
333Kb / 12P
   Integrated Power Stage for 1hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2062A IRF-IRPT2062A Datasheet
260Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
   Power Module for 5 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com