Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62430FP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62430FP
Description  DIGITAL SOUND CONTROLLER WITH SRSsurround
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62430FP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62430FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62430FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62430FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62430FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62430FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62430FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62430FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62430FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62430FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ELECTRIC
M62430FP
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
MITSUBISHI SOUND PROCESSORS
(
/ 17 )
MITSUBISHI
DIGITAL SOUND CONTROLLER WITH
SRSsurround
CLOCK
DATA
25%
75%
tr
tf
t cr
t WHC
t WLC
tSD
t HD
LATCH
tSL
tWHC
Unit
Symbol
Parameter
Limits
Min
typ
Max
DIGITAL BLOCK TIMING REGULATION
t cr
t WHC
t WLC
t r
t f
t SD
t HD
CLOCK cycle time
CLOCK pulse width ("H"level)
CLOCK pulse width ("L"level)
CLOCK,DATA,LATCH rise time
CLOCK,DATA,LATCH fall time
DATA setup time
DATA hold time
8
3.2
1.6
1.6
0.8
0.8
µsec
3.2
tSL
LATCH setup time
2
3.2
tWHL
LATCH pulse width
tr
tr
tf
tf
25%
75%
25%
75%
CLOCK, DATA,LATCH TIMING
5


Similar Part No. - M62430FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62431 MITSUBISHI-M62431 Datasheet
92Kb / 7P
   7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62431FP MITSUBISHI-M62431FP Datasheet
92Kb / 7P
   7-ELEMENT GRAPHIC EQUALIZER WITH MICROCOMPUTER INTERFACE
M62433FP MITSUBISHI-M62433FP Datasheet
224Kb / 21P
   DIGITAL SOUND CONTROLLER
M62434 MITSUBISHI-M62434 Datasheet
65Kb / 13P
   SOUND CONTROLLER FOR TV
M62434FP MITSUBISHI-M62434FP Datasheet
65Kb / 13P
   SOUND CONTROLLER FOR TV
More results

Similar Description - M62430FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M61504FP MITSUBISHI-M61504FP Datasheet
195Kb / 17P
   DIGITAL SOUND CONTROLLER WITH SURROUND
M62428FP MITSUBISHI-M62428FP Datasheet
169Kb / 18P
   DIGITAL SOUND CONTROLLER
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
   DIGITAL SOUND CONTROLLER
logo
Renesas Technology Corp
M62428FP RENESAS-M62428FP Datasheet
6Mb / 19P
   DIGITAL SOUND CONTROLLER
logo
Mitsubishi Electric Sem...
M62433FP MITSUBISHI-M62433FP Datasheet
224Kb / 21P
   DIGITAL SOUND CONTROLLER
M615XXFP MITSUBISHI-M615XXFP Datasheet
383Kb / 16P
   Digital controlled Sound Controller
M62445FP MITSUBISHI-M62445FP Datasheet
218Kb / 17P
   DIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com