Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29330DBTG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29330DBTG4
Description  2-,3-,AND 4-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29330DBTG4 Datasheet(HTML) 5 Page - Texas Instruments

  BQ29330DBTG4 Datasheet HTML 1Page - Texas Instruments BQ29330DBTG4 Datasheet HTML 2Page - Texas Instruments BQ29330DBTG4 Datasheet HTML 3Page - Texas Instruments BQ29330DBTG4 Datasheet HTML 4Page - Texas Instruments BQ29330DBTG4 Datasheet HTML 5Page - Texas Instruments BQ29330DBTG4 Datasheet HTML 6Page - Texas Instruments BQ29330DBTG4 Datasheet HTML 7Page - Texas Instruments BQ29330DBTG4 Datasheet HTML 8Page - Texas Instruments BQ29330DBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
SAFETY STATE DIAGRAM
No Power Supply
UVLO Mode
CHG: OFF
DSG: OFF
ZVCHG: OFF
VREG: OFF
RST: HIGH
I2 C: Disabled
Current Protection: Disabled
VCELL: Disabled
Watchdog: Disabled
Therm, Output: Disabled
Power Supply to PACK
Normal Mode
CHG: ON
DSG: ON
ZVCHG: OFF
VREG/VLED: 2.5V/3.3V
RST: Driven low after
tRST
I2C: Enabled
Current Protection: Enabled
VCELL: Enabled
Watchdog: Enabled
Therm, Output: Enabled
LEGEND:
UVLO = Undervoltage Lock Out
KEY:
Disabled = OFF and cannot be changed via firmware
Enabled= Can be changed by firmware
Internal
VLED < 2.3 V
Firmware
Command
32 kHz Input Halted
and t WTO expired
32 kHz Resumes
Internal VLED> 2.4 V
Power Supply to PACK
Current Protection Mode
CHG: OFF
DSG: OFF
ZVCHG: OFF
VREG/VLED: 2.5 V/3.3 V
I2C: Enabled
Current Protection: Enabled
VCELL: Enabled
Watchdog: Enabled
Therm, Output: Enabled
WTO Mode
CHG: OFF
DSG: OFF
ZVCHG: OFF
RST: Pulsed
I2C: Enabled
Current Protection: Enabled
VCELL: Enabled
Watchdog: Enabled
Therm, Output: Enabled
Ship Mode
CHG: OFF
DSG: OFF
ZVCHG: OFF
I2C: Disabled
Current Protection: Disabled
VCELL: Disabled
Watchdog: Disabled
Therm, Output: Disabled
Sleep Mode
CHG: OFF
DSG: OFF
ZVCHG: OFF
I2 C: Enabled
Current Protection: Enabled
VCELL: Enabled
Watchdog: Enabled
Therm, Output: Disabled
Firmware
Command
Firmware Command
& No Supply to PACK
Firmware
Command
Firmware
Command
32 kHz Input Halted
and tWTOexpired
FirmwareCommand
VREG/VLED: 2.5 V/3.3 V
VREG/VLED: ON/ON
VREG/VLED: OFF/OFF
DSG: OFF
No supply PACK
voltage Mode
DSG: OFF
Firmware
Command
V
> V
or V
for a period of t
or t
Respectively, or V
> V
SR
OL
SCD
OL
SCD
SR
SCC for a period
of t
SCC
bq29330
SLUS673A – SEPTEMBER 2005 – REVISED DECEMBER 2005
5


Similar Part No. - BQ29330DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29330DBTG4 TI-BQ29330DBTG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results

Similar Description - BQ29330DBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
logo
Mitsumi Electronics, Co...
MM3783 MITSUMI-MM3783 Datasheet
73Kb / 7P
   3 cell Lithium-ion/Lithium-polymer battery protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
   1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
HYCON Technology Corpor...
HY2131 HYCON-HY2131 Datasheet
1Mb / 27P
   Protection IC for 2/3-Cell Lithium Ion/Lithium Polymer
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
   2 lithium ion/lithium polymer battery protection IC
logo
Fortune Semiconductor C...
FS3332 FORTUNE-FS3332 Datasheet
997Kb / 23P
   Two Cell Lithium-ion/Polymer Battery Protection
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com