Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A222K15X7RH5UAA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A222K15X7RH5UAA
Description  Leaded ceramic multilayer capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A222K15X7RH5UAA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A222K15X7RH5UAA Datasheet HTML 3Page - List of Unclassifed Manufacturers A222K15X7RH5UAA Datasheet HTML 4Page - List of Unclassifed Manufacturers A222K15X7RH5UAA Datasheet HTML 5Page - List of Unclassifed Manufacturers A222K15X7RH5UAA Datasheet HTML 6Page - List of Unclassifed Manufacturers A222K15X7RH5UAA Datasheet HTML 7Page - List of Unclassifed Manufacturers A222K15X7RH5UAA Datasheet HTML 8Page - List of Unclassifed Manufacturers A222K15X7RH5UAA Datasheet HTML 9Page - List of Unclassifed Manufacturers A222K15X7RH5UAA Datasheet HTML 10Page - List of Unclassifed Manufacturers A222K15X7RH5UAA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2002 Sep 10
7
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-axialTM series
Table 2
Capacitance, rated voltage, mechanical dimensions and ordering information
C
UR(DC)
(V)
SIZE
CODE
CLEAR TEXT CODE
CATALOGUE NUMBER
NP0 (C0G)
±5% tolerance
10 pF
50
15
A100J15C0GF5UAA
2252 205 21109
100
15
A100J15C0GH5UAA
2252 206 21109
12 pF
50
15
A120J15C0GF5UAA
2252 205 21129
15 pF
50
15
A150J15C0GF5UAA
2252 205 21159
18 pF
50
15
A180J15C0GF5UAA
2252 205 21189
22 pF
50
15
A220J15C0GF5UAA
2252 205 21229
100
15
A220J15C0GH5UAA
2252 206 21229
27 pF
50
15
A270J15C0GF5UAA
2252 205 21279
33 pF
50
15
A330J15C0GF5UAA
2252 205 21339
39 pF
50
15
A390J15C0GF5UAA
2252 205 21399
47 pF
50
15
A470J15C0GF5UAA
2252 205 21479
100
15
A470J15C0GH5UAA
2252 206 21479
56 pF
50
15
A560J15C0GF5UAA
2252 205 21569
68 pF
50
15
A680J15C0GF5UAA
2252 205 21689
82 pF
50
15
A820J15C0GF5UAA
2252 205 21829
100 pF
50
15
A101J15C0GF5UAA
2252 205 21101
100
15
A101J15C0GH5UAA
2252 206 21101
150 pF
50
15
A151J15C0GF5UAA
2252 205 21151
220 pF
50
15
A221J15C0GF5UAA
2252 205 21221
100
15
A221J15C0GH5UAA
2252 206 21221
330 pF
50
15
A331J15C0GF5UAA
2252 205 21331
470 pF
50
15
A471J15C0GF5UAA
2252 205 21471
100
15
A471J15C0GH5UAA
2252 206 21471
680 pF
50
15
A681J15C0GF5UAA
2252 205 21681
1000 pF
50
15
A102J15C0GF5UAA
2252 205 21102
100
20
A102J20C0GH5UAA
2252 206 41102
1500 pF
50
15
A152J15C0GF5UAA
2252 205 21152
2200 pF
50
15
A222J15C0GF5UAA
2252 205 21222
3300 pF
50
20
A332J20C0GF5UAA
2252 205 41332
4700 pF
50
20
A472J20C0GF5UAA
2252 205 41472
5600 pF
50
20
A562J20C0GF5UAA
2252 205 41562


Similar Part No. - A222K15X7RH5UAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A222K15C0GF5TAA VISHAY-A222K15C0GF5TAA Datasheet
102Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Revision: 16-Aug-12
More results

Similar Description - A222K15X7RH5UAA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com