Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1A0292A01-Q1R0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S1A0292A01-Q1R0
Description  PB/REC EQ ST PRE AMP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0292A01-Q1R0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S1A0292A01-Q1R0 Datasheet HTML 2Page - Samsung semiconductor S1A0292A01-Q1R0 Datasheet HTML 3Page - Samsung semiconductor S1A0292A01-Q1R0 Datasheet HTML 4Page - Samsung semiconductor S1A0292A01-Q1R0 Datasheet HTML 5Page - Samsung semiconductor S1A0292A01-Q1R0 Datasheet HTML 6Page - Samsung semiconductor S1A0292A01-Q1R0 Datasheet HTML 7Page - Samsung semiconductor S1A0292A01-Q1R0 Datasheet HTML 8Page - Samsung semiconductor S1A0292A01-Q1R0 Datasheet HTML 9Page - Samsung semiconductor S1A0292A01-Q1R0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
S1A0292A01
PB/REC EQ ST PRE AMP
6
TEST CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
EQ & REC AMP
+
1.1V
I
EQ CONTROL
ALC DETECTOR
ALC DRIVER
CONTROL
• LOGIC
EQ & REC AMP
VOLTAGE
REGULATOR
+
+
Cro2
300K
6K
10K
Cro2
300K
+
+
+
+
+
+
Vcc
DVM
+
10K
10K
10K
6K
N
N
+
+
+
+
+
+
+
+
+
+
+
+
+
+
TA1
10/16
1K
10/16
10/16
2K
VSG9
10/16
10/16
10/16
22/16
2MEG
SW7
MUTE =HIGH
ACTIVE
5V
Vcc
CURRENT METER
TA11
10/16
0.01
µ
10/16
TA13
10K
10K
10K
1/16
10/16
TA15
10K
100
10/16
100
2K
VSG1
10/16
10/16
2K
+
VSG2
10/16
2K
VSG3
2K
VSG4
10/16
100
10/16
100
10/16
TA23
10K
1/16
10K
10K
10K
TA25
10/16
0.01UF
SW1
5V
A=SHORT
B=OPEN
SW2
5V
REC=SHORT
PB=OPEN
SW3
SW4
B-DECK
Cro2=SHORT
A-DECK
Cro2=SHORT
20K/SVR
for ADJUST
SW6
NORMAL SPEED-OPEN
HI-SPEED=SHORT
VSGS
2K
10/16
+
+
10/16
10/16
+
10/16
1K
TA36
VSG6
2K
10/16
CL
0.01
µ
RGF
11K
RFQ
33K
RF/Q
127K
TA42
10/16
+
2K
TA43
10/16
+
2K
RGM
20.6K
RGL
1.3K
CL
0.01
µ
10/16
VSG7
2K
+
+


Similar Part No. - S1A0292A01-Q1R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
S1A0291X01-A0B0 SAMSUNG-S1A0291X01-A0B0 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
More results

Similar Description - S1A0292A01-Q1R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Toshiba Semiconductor
TA8155FG TOSHIBA-TA8155FG Datasheet
1Mb / 17P
   REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
logo
Sony Corporation
CXA2500M SONY-CXA2500M Datasheet
220Kb / 11P
   Dual REC/PB Preamplifier
logo
Toshiba Semiconductor
TA8142AP TOSHIBA-TA8142AP Datasheet
329Kb / 8P
   REC/PLAY PRE AMP SYSTEM FOR DOUBLE CASSETTE
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
Samsung semiconductor
KA22241C SAMSUNG-KA22241C Datasheet
142Kb / 6P
   DUAL EQ AMP WITH ALC
KA22211 SAMSUNG-KA22211 Datasheet
135Kb / 6P
   DUAL LOW NOISE EQ AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com