Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC266 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC266
Description  QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC266 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC266 Datasheet HTML 1Page - STMicroelectronics M74HC266 Datasheet HTML 2Page - STMicroelectronics M74HC266 Datasheet HTML 3Page - STMicroelectronics M74HC266 Datasheet HTML 4Page - STMicroelectronics M74HC266 Datasheet HTML 5Page - STMicroelectronics M74HC266 Datasheet HTML 6Page - STMicroelectronics M74HC266 Datasheet HTML 7Page - STMicroelectronics M74HC266 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 266
DESCRIPTION
The M74HC266 is an high speed CMOS QUAD
EXCLUSIVE NOR GATE fabricated with silicon
gate C2MOS technology.
The
M74HC266
has
a
high
performance
N-channel MOS transistor (OPEN DRAIN output).
Input and Output ensure high noise immunity and
stable outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC266
QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC266B1R
SOP
M74HC266M1R
M74HC266RM13TR
TSSOP
M74HC266TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC266

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC266 STMICROELECTRONICS-M74HC266 Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
M74HC266B1R STMICROELECTRONICS-M74HC266B1R Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
M74HC266C1R STMICROELECTRONICS-M74HC266C1R Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
M74HC266F1R STMICROELECTRONICS-M74HC266F1R Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
M74HC266M1R STMICROELECTRONICS-M74HC266M1R Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
More results

Similar Description - M74HC266

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC266 STMICROELECTRONICS-M54HC266 Datasheet
246Kb / 11P
   HC266 QUAD EXCLUSIVE NOR GATE WITH OPEN DRAIN HC7266 QUAD EXCLUSIVE NOR GATE
HCF4077B STMICROELECTRONICS-HCF4077B Datasheet
107Kb / 7P
   QUAD EXCLUSIVE NOR GATE
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP Datasheet
179Kb / 4P
   QUAD EXCLUSIVE NOR GATE
logo
STMicroelectronics
M74HC7266 STMICROELECTRONICS-M74HC7266 Datasheet
174Kb / 9P
   QUAD EXCLUSIVE NOR GATE
logo
Toshiba Semiconductor
TC74HC7266AP TOSHIBA-TC74HC7266AP_07 Datasheet
225Kb / 7P
   Quad Exclusive NOR Gate
logo
Fairchild Semiconductor
DM74LS266 FAIRCHILD-DM74LS266 Datasheet
45Kb / 4P
   Quad 2-Input Exclusive-NOR Gate with Open-Collector Outputs
logo
National Semiconductor ...
54LS266 NSC-54LS266 Datasheet
54Kb / 2P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE WITH OPEN-COLLECTOR OUTPUTS
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com