Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFRRUB25K5 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EFRRUB25K5
Description  Ultrasonic Ceramic Sensors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFRRUB25K5 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EFRRUB25K5 Datasheet HTML 1Page - Panasonic Semiconductor EFRRUB25K5 Datasheet HTML 2Page - Panasonic Semiconductor EFRRUB25K5 Datasheet HTML 3Page - Panasonic Semiconductor EFRRUB25K5 Datasheet HTML 4Page - Panasonic Semiconductor EFRRUB25K5 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Ð EF75 Ð
s
Typical Characteristics
Frequency Characteristics (Sensitivity)
Frequency Characteristics (Sound Pressure Level)
35
40
45
Frequency (kHz)
Ð40
Ð45
Ð50
Ð55
Ð35
Ð40
Ð45
Ð50
Ð55
20
25
30
Frequency (kHz)
Type U / H
TypeS
TypeQ
Type Q
0
90¡
15¡
30¡
45¡
60¡
75¡
15¡
30¡
45¡
60¡
75¡
90¡
0
Ð10
Ð50
Ð30
Ð10
0
Ð30
Ð10 0
Attenuation (dB)
Le
ft
Righ
t
Ð20
Ð30
Ð40
Directivity
Ultrasonic Ceramic Sensors
15û
30û
45û
60û
75û
90û
15û
30û
45û
60û
75û
90û
Ð50
Ð30
Ð10 0
Ð30
Ð10
0
Attenuation (dB)
-10
-30
-40
-20
0
Type U/H/S
0 dB= Ð41 dB
Left
Right
35
40
45
Frequency (kHz)
115
110
105
100
115
110
105
100
95
20
25
30
Frequency (kHz)
Type U / H
TypeS
TypeQ
EFRTUB25K
EFRRUB25K
Frequency (kHz)
35
40
45
Ð30
Ð35
Ð40
Ð45
Ð50
Ð55
100 kΩ
10 kΩ
3.9 kΩ
1 kΩ
Characteristic Change vs. Load Resistance
Type U/H/S (40 kHz)
Type Q
Frequency (kHz)
35
40
45
Ð30
Ð35
Ð40
Ð45
Ð50
Ð55
100 kΩ
10 kΩ
3.9 kΩ
1 kΩ


Similar Part No. - EFRRUB25K5

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
EFR OSRAM-EFR Datasheet
105Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
EFR-5/X OSRAM-EFR-5/X Datasheet
105Kb / 2P
   Low Voltage Tungsten Halogen Lamps with Reflector
logo
Kemet Corporation
EFR005-240X240T0800 KEMET-EFR005-240X240T0800 Datasheet
57Kb / 1P
   Flex Suppressors, Commercial Grade, EFR
EFR01-240X240T0800 KEMET-EFR01-240X240T0800 Datasheet
889Kb / 13P
   Radiation noise suppression for electronic equipment
logo
STEGO Elektrotechnik Gm...
EFR012 STEGO-EFR012 Datasheet
242Kb / 1P
   ELECTRONIC HYGROSTAT
19.03.2019
More results

Similar Description - EFRRUB25K5

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com