Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A270J15C0GF5UAA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # A270J15C0GF5UAA
Description  Leaded ceramic multilayer capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A270J15C0GF5UAA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button A270J15C0GF5UAA Datasheet HTML 6Page - List of Unclassifed Manufacturers A270J15C0GF5UAA Datasheet HTML 7Page - List of Unclassifed Manufacturers A270J15C0GF5UAA Datasheet HTML 8Page - List of Unclassifed Manufacturers A270J15C0GF5UAA Datasheet HTML 9Page - List of Unclassifed Manufacturers A270J15C0GF5UAA Datasheet HTML 10Page - List of Unclassifed Manufacturers A270J15C0GF5UAA Datasheet HTML 11Page - List of Unclassifed Manufacturers A270J15C0GF5UAA Datasheet HTML 12Page - List of Unclassifed Manufacturers A270J15C0GF5UAA Datasheet HTML 13Page - List of Unclassifed Manufacturers A270J15C0GF5UAA Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2002 Sep 10
11
BCcomponents
Product specification
Leaded ceramic multilayer
capacitors
Mono-axialTM series
Capacitors with temperature coefficient Z5U
Capacitance range at 1 kHz, 0.5 V
1000 pF to 1.00
µF
Tolerance on the capacitance
±20%; +80%/−20%
Maximum capacitance change
with respect to capacitance value at 25
°C
+22%/
−56%
Rated DC voltage
50 and 100 V
Dielectric strength
250% of rated voltage
Insulation resistance at rated voltage
10000 M
Ω or 1000 MΩ× µF, whichever is less at rated
voltage within 2 minutes of charging
Dissipation factor at 1 kHz, 0.5 V
≤4%
Operating temperature range
10 to 85
°C
Storage temperature range
25
±15 °C
Ageing
typical 6% per time decade
Capacitors with temperature coefficient Y5V
Capacitance range at 1 kHz, 1 V
0.01 to 1.0
µF
Tolerance on the capacitance
+80%/
−20%
Maximum capacitance change
with respect to capacitance value at 25
°C
+22%/
−82%
Rated DC voltage
25 V and 50 V
Dielectric strength
250% of rated voltage
Insulation resistance at rated voltage
10000 M
Ω or 1000 MΩ× µF, whichever is less at rated
voltage within 2 minutes of charging
Dissipation factor at 1 kHz, 1 V
≤5%
Operating temperature range
−30 to +85 °C
Storage temperature range
25
±15 °C
Ageing
typical 6% per time decade
DESCRIPTION
VALUE


Similar Part No. - A270J15C0GF5UAA

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
A2702 SIEMENS-A2702 Datasheet
113Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020-55 AMICC-A27020-55 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020-70 AMICC-A27020-70 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
More results

Similar Description - A270J15C0GF5UAA

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
AXIAL SHARMA-AXIAL Datasheet
267Kb / 1P
   MULTILAYER CERAMIC LEADED CAPACITORS
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com