Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE2422H Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XE2422H
Description  Low-Cost, 2400 BPS Surface-Mount Modem
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE2422H Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XE2422H Datasheet HTML 3Page - List of Unclassifed Manufacturers XE2422H Datasheet HTML 4Page - List of Unclassifed Manufacturers XE2422H Datasheet HTML 5Page - List of Unclassifed Manufacturers XE2422H Datasheet HTML 6Page - List of Unclassifed Manufacturers XE2422H Datasheet HTML 7Page - List of Unclassifed Manufacturers XE2422H Datasheet HTML 8Page - List of Unclassifed Manufacturers XE2422H Datasheet HTML 9Page - List of Unclassifed Manufacturers XE2422H Datasheet HTML 10Page - List of Unclassifed Manufacturers XE2422H Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
XECOM
(7)
XE2422H
XE2422H Typical Connection Diagram
Notes:
1
Capacitors, C1 and C2, may be required for EMI filtering in your system. Without these components
you may experience unintended radiation when the telephone cable is attached. C1 and C2 are high-
voltage capacitors. We recommend the Johanson Dielectrics 502S47N102KV6T. This 1000 pfd, 3000
volt capacitor will direct the high frequency harmonics to the system ground. These capacitors must
be rated at a minimum of 1500 volts to maintain the isolation required by FCC Part 68 Rules.
3. F1 is a positive thermal coefficient (PTC) device which protects the modem from excessive current
flow. These devices are required for your system to pass UL60950. Fuses may be used in place of
the PTC’s
Parts List for XE2422H Typical Connection Diagram
Reference
Designation
Qty
Description
C1, C2
2
Cap. 1000 pfd, 1500V minimum
F1
1
PTC, TR600-150
VCC
/DCD
/CTS
RXD
TXD
/RI
/Reset
/INT
GND
RING
TIP (22)
RJ11
C1
C2
VCC
F1
To System Reset
To Host Serial Port
To System Interrupt
XE2422H


Similar Part No. - XE2422H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2420 ETC-XE2420 Datasheet
84Kb / 16P
   2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE2420-ITR ETC-XE2420-ITR Datasheet
84Kb / 16P
   2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
More results

Similar Description - XE2422H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
XE2420 ETC-XE2420 Datasheet
84Kb / 16P
   2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
logo
OKI electronic componet...
MSM6882-3 OKI-MSM6882-3 Datasheet
119Kb / 15P
   2400/1200 bps Single Chip MSK Modem
logo
List of Unclassifed Man...
XE3314B ETC1-XE3314B Datasheet
67Kb / 17P
   Low-Cost, Embeddable 33,600 BPS Modem Module
logo
Intel Corporation
89024 INTEL-89024 Datasheet
1Mb / 30P
   ARCHITECTURAL OVERVIEW 2400 BPS INTELLIGENT MODEM CHOP SET
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
Motorola, Inc
MC6173 MOTOROLA-MC6173 Datasheet
843Kb / 15P
   2400 bps DIGITAL DEMODULATOR
logo
OKI electronic componet...
ML7012 OKI-ML7012 Datasheet
155Kb / 22P
   2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
List of Unclassifed Man...
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com