Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1652SEUN Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1652SEUN
Description  750 kHz Boost Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1652SEUN Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1652SEUN Datasheet HTML 5Page - Microchip Technology MCP1652SEUN Datasheet HTML 6Page - Microchip Technology MCP1652SEUN Datasheet HTML 7Page - Microchip Technology MCP1652SEUN Datasheet HTML 8Page - Microchip Technology MCP1652SEUN Datasheet HTML 9Page - Microchip Technology MCP1652SEUN Datasheet HTML 10Page - Microchip Technology MCP1652SEUN Datasheet HTML 11Page - Microchip Technology MCP1652SEUN Datasheet HTML 12Page - Microchip Technology MCP1652SEUN Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2004 Microchip Technology Inc.
DS21876A-page 9
MCP1650/51/52/53
Note: Unless otherwise indicated, VIN = 3.3V, VOUT = 12V, CIN = 10 µF (x5R or X7R Ceramic), COUT = 10 µF (X5R or X7R),
IOUT = 10 mA, L = 3.3 µH, SHDN > VIH, TA = +25°C.
FIGURE 2-13:
Dynamic Line Response.
FIGURE 2-14:
Power-Up Timing (Input
Voltage).
FIGURE 2-15:
Power-Up Timing
(Shutdown).
FIGURE 2-16:
Efficiency vs. Input Voltage.
FIGURE 2-17:
Efficiency vs. Load Current.
FIGURE 2-18:
Output Voltage vs. Input
Voltage (Line Regulation).
75
77
79
81
83
85
87
89
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Votlage (V)
TA = 25°C
IOUT = 100 mA
60
65
70
75
80
85
90
10.0 20.0 30.0 40.0 50.0 60.0 70.0 80.0 90.0 100.0
Load Current (mA)
TA = 25°C
VIN = 3.3V
12.10
12.11
12.12
12.13
12.14
12.15
12.16
2.7 3.0 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6.0
Input Voltage (V)
TA = 25°C
IOUT = 100 mA


Similar Part No. - MCP1652SEUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1652S-E/MS MICROCHIP-MCP1652S-E/MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1652ST-E/MS MICROCHIP-MCP1652ST-E/MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
More results

Similar Description - MCP1652SEUN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1651S-E-MS MICROCHIP-MCP1651S-E-MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1650 MICROCHIP-MCP1650_13 Datasheet
483Kb / 30P
   750 kHz Boost Controller
2004-2013
logo
MTRONPTI
SF1001 MTRONPTI-SF1001 Datasheet
340Kb / 2P
   140 MHz 750 kHz SAW Filter
logo
Tyco Electronics
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
   RF Pulse Transformer 750 kHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
logo
M/A-COM Technology Solu...
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
   RF Pulse Transformer, 750 KHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com