Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1652REMS Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1652REMS
Description  750 kHz Boost Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1652REMS Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1652REMS Datasheet HTML 4Page - Microchip Technology MCP1652REMS Datasheet HTML 5Page - Microchip Technology MCP1652REMS Datasheet HTML 6Page - Microchip Technology MCP1652REMS Datasheet HTML 7Page - Microchip Technology MCP1652REMS Datasheet HTML 8Page - Microchip Technology MCP1652REMS Datasheet HTML 9Page - Microchip Technology MCP1652REMS Datasheet HTML 10Page - Microchip Technology MCP1652REMS Datasheet HTML 11Page - Microchip Technology MCP1652REMS Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP1650/51/52/53
DS21876A-page 8
 2004 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 3.3V, VOUT = 12V, CIN = 10 µF (x5R or X7R Ceramic), COUT = 10 µF (X5R or X7R),
IOUT = 10 mA, L = 3.3 µH, SHDN > VIH, TA = +25°C.
FIGURE 2-7:
EXT Sink and Source
Current vs. Input Voltage.
FIGURE 2-8:
EXT Sink and Source
Current vs. Ambient Temperature.
FIGURE 2-9:
EXT Rise and Fall Times vs.
External Capacitance.
FIGURE 2-10:
Feedback Voltage vs. Input
Voltage.
FIGURE 2-11:
Feedback Voltage
Hysteresis vs. Input Voltage.
FIGURE 2-12:
Dynamic Load Response.
0.0
0.2
0.4
0.6
0.8
1.0
2.7 3.0 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7 6.0
Input Voltage (V)
ISINK
ISOURCE
TA = +25°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
ISINK
ISOURCE
VIN = 3.3V
0
10
20
30
40
50
60
70
80
100
150
200
250
300
350
400
450
500
External Capacitance (pF)
5VFALL
2.7VRISE
5VRISE
2.7VFALL
1.205
1.210
1.215
1.220
1.225
1.230
22.533.5
4
4.555.5
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
0
2
4
6
8
10
12
14
16
18
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C


Similar Part No. - MCP1652REMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1652R-E-MS MICROCHIP-MCP1652R-E-MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1652R-E/MS MICROCHIP-MCP1652R-E/MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1652RT-E/MS MICROCHIP-MCP1652RT-E/MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
More results

Similar Description - MCP1652REMS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1651S-E-MS MICROCHIP-MCP1651S-E-MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
MCP1650 MICROCHIP-MCP1650_13 Datasheet
483Kb / 30P
   750 kHz Boost Controller
2004-2013
logo
MTRONPTI
SF1001 MTRONPTI-SF1001 Datasheet
340Kb / 2P
   140 MHz 750 kHz SAW Filter
logo
Tyco Electronics
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
   RF Pulse Transformer 750 kHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
logo
M/A-COM Technology Solu...
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
   RF Pulse Transformer, 750 KHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com