Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4SW410B-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MA4SW410B-1
Description  SP4T PIN Diode with Integrated Bias Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW410B-1 Datasheet(HTML) 6 Page - Tyco Electronics

  MA4SW410B-1 Datasheet HTML 1Page - Tyco Electronics MA4SW410B-1 Datasheet HTML 2Page - Tyco Electronics MA4SW410B-1 Datasheet HTML 3Page - Tyco Electronics MA4SW410B-1 Datasheet HTML 4Page - Tyco Electronics MA4SW410B-1 Datasheet HTML 5Page - Tyco Electronics MA4SW410B-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SP4T PIN Diode Switch with Integrated Bias Network
MA4SW410B-1
V 2.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
6
MA4SW410B-1 Schematic
DC Bias
J1 ( Common Port )
J5
J4
J3
J2


Similar Part No. - MA4SW410B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
784Kb / 6P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
781Kb / 6P
   HMIC??Silicon PIN Diode Switch
MA4SW410B-1 MA-COM-MA4SW410B-1_14 Datasheet
978Kb / 6P
   Broad Bandwidth Specified up to 18 GHz
MA4SW410B-1_V4 MA-COM-MA4SW410B-1_V4 Datasheet
781Kb / 6P
   HMIC??Silicon PIN Diode Switch
More results

Similar Description - MA4SW410B-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW424B MA-COM-MA4SW424B_15 Datasheet
447Kb / 6P
   SP4T 24GHz PIN Diode Switch with Integrated Bias Network
logo
Tyco Electronics
MA4SW424B-1 MACOM-MA4SW424B-1 Datasheet
1Mb / 6P
   Monolithic SP4T PIN Diode Switch With Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW424B-1 MA-COM-MA4SW424B-1 Datasheet
447Kb / 6P
   SP4T 24GHz PIN Diode Switch with Integrated Bias Network
MASW-004102-12760 MA-COM-MASW-004102-12760_14 Datasheet
975Kb / 6P
   Silicon SP4T PIN Diode Switch with Integrated Bias Network
MA4SW424B-1 MA-COM-MA4SW424B-1 Datasheet
447Kb / 6P
   SP4T 24GHz PIN Diode Switch with Integrated Bias Network
logo
Tyco Electronics
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
   SP5T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
logo
Tyco Electronics
MA4SW210B-1 MACOM-MA4SW210B-1 Datasheet
879Kb / 9P
   Monolithic Pin Diode Switches with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com