Part Name
         Description
F49L040A

 4 Mbit (512K x 8) 3V Only CMOS Flash Memory ( 41 Page)


ESMT
100% 
Zoom Out Zoom In
 6 page
background image
EFST
F49L040A
Elite Flash Storage Technology Inc.
Publication Date : Apr. 2005
Revision: 1.0
6/41
Read Mode
To read array data from the outputs, the system must
drive the CE and OE pins to VIL. CE is the power
control and selects the device. OE is the output control
and gates array data to the output pins. WE should
remain at VIH. The internal state machine is set for
reading array data upon device power-up, or after a
hardware reset. This ensures that no spurious alteration
of the memory content occurs during the power
transition.
No command is necessary in this mode to obtain array
data. Standard microprocessor’s read cycles that assert
valid addresses on the device address inputs produce
valid data on the device data outputs. The device
remains enabled for read access until the command
register contents are altered.
See “Read Command” section for more information.
Refer to the AC Read Operations Table 9 for timing
specifications and to Figure 5 for the timing diagram. ICC1
in the DC Characteristics Table 8 represents the active
current specification for reading array data.
Write Mode
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive WE and CE
to VIL, and OE to VIH. The “Program Command” section
has details on programming data to the device using
standard command sequences.
An erase operation can erase one sector, multiple sectors,
or the entire device. Table 1 indicate the address space
that each sector occupies. A “sector address” consists of
the address bits required to uniquely select a sector. The
“Software Command Definitions” section has details on
erasing a sector or the entire chip, or suspending/resuming
the erase operation.
When the system writes the auto-select command
sequence, the device enters the auto-select mode. The
system can then read auto-select codes from the internal
register (which is separate from the memory array) on
DQ7–DQ0. Standard read cycle timings apply in this
mode. Refer to the Auto-select Mode and Auto-select
Command sections for more information. ICC2 in the DC
Characteristics Table 8 represents the active current
specification for the write mode. The “AC Characteristics”
section contains timing specification Table 10 and timing
diagrams for write operations.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device
energy consumption. The device automatically enables
this mode when addresses remain unchanged for over
250ns. The automatic sleep mode is independent of the
CE , WE , and
OE control signals. Standard address
access timings provide new data when addresses are
changed. While in sleep mode, output data is latched
and always available to the system. ICC4 in the DC
Characteristics Table 8 represents the automatic sleep
mode current specification.
Output Disable Mode
With the OE is at a logic high level (VIH), outputs from
the devices are disabled. This will cause the output pins
in a high impedance state
Standby Mode
When CE held at VCC ± 0.3V,
the device enter
CMOS Standby mode. If CE held at VIH, but not within
the range of VCC ± 0.3V, the device will still be in the
standby mode, but the standby current will be larger.
If the device is deselected during auto algorithm of
erasure or programming, the device draws active
current ICC2 until the operation is completed. ICC3 in
the DC Characteristics Table 8 represents the standby
current specification.
The device requires standard access time (tCE) for
read access from either of these standby modes,
before it is ready to read data.
Sector Protect / Un-protect Mode
The hardware sector protect feature disables both
program and erase operations in any sector. The
hardware sector unprotect feature re-enables both the
program and erase operations in previously protected
sectors. Sector protect/unprotect can be implemented
A6 pin via programming equipment.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F49L004UA4 Mbit 512K x 8 3V Only CMOS Flash Memory 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
F49B002UA2 Mbit 256K x 8 5V Only CMOS Flash Memory 1 2 3 4 5 MoreElite Semiconductor Memory Technology Inc.
AM41DL6408G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM49DL640BG64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 32 Mbit 512 K x 16-Bit Pseudo Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL640AH64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreSPANSION
MBM29F400TCFLASH MEMORY CMOS 4M 512K x 8/256K x 16 BIT 1 2 3 4 5 MoreSPANSION
AM42DL16X2DAm29DL16xD 16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 2 Mbit 128 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL6404G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL6402G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 2 Mbit 128 K x 16-Bit Static RAM 1 2 3 4 5 MoreSPANSION
MBM29DL800TAFLASH MEMORY CMOS 8M 1M x 8 / 512K x 16 BIT 1 2 3 4 5 MoreSPANSION

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl