Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1117-2.85 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DF1117-2.85
Description  DF1117
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DF1117-2.85 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DF1117-2.85 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF1117-2.85 Datasheet HTML 2Page - List of Unclassifed Manufacturers DF1117-2.85 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF1117-2.85 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF1117-2.85 Datasheet HTML 5Page - List of Unclassifed Manufacturers DF1117-2.85 Datasheet HTML 6Page - List of Unclassifed Manufacturers DF1117-2.85 Datasheet HTML 7Page - List of Unclassifed Manufacturers DF1117-2.85 Datasheet HTML 8Page - List of Unclassifed Manufacturers DF1117-2.85 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
上海大缔微电子有限公司
DF1117
1A 低压差稳压器
4
of
4
参数
型号
测试条件
最小
标准
最大
单位
负载调整率
DF1117-ADJ
(VIN - VOUT) =3V,
10mA
≤IOUT ≤1A
0.1
0.2
0.3
0.4
%
%
DF1117-1.5
VIN=5V, 0≤IOUT ≤1A
3
6
10
20
mV
mV
DF1117-1.8
VIN=5V, 0≤IOUT≤1A
3
6
10
20
mV
mV
DF1117-2.5
VIN=5V, 0≤IOUT ≤1A
3
6
12
20
mV
mV
DF1117-2.85
VIN=5V, 0 ≤IOUT≤1A
3
6
12
20
mV
mV
DF1117-3.3
VIN=5V, 0 ≤IOUT≤1A
3
7
15
25
mV
mV
DF1117-5.0
VIN=8V, 0≤IOUT ≤1A
5
10
20
35
mV
mV
偏差电压
(VIN - VOUT)
DF1117-1.5/-1.8/
-2.5/-2.85/-3.3/-5.0
∆VOUT , ∆VREF = 1%,
IOUT = 1A (Note 4)
1.1
1.3
V
限制电流
DF1117-1.5/-1.8/
-2.5/-2.85/-3.3/-5.0
(VIN - VOUT) = 5V
900
1,100
1,500
mA
最低负载电流
DF1117
(VIN - VOUT)
= 12V (Note 5)
5
10
mA
静态电流
DF1117/-1.5/-1.8/
-2.5/-2.85/-3.3/-5.0
VIN ≤ 12V
5
10
mA
纹波抑制比
DF1117-ADJ
f =120Hz , COUT = 22µF
Tantalum, IOUT= 1A,
(VIN-VOUT ) = 3V,
CADJ =10µF
60
75
dB
DF1117-1.5/-1.8/
-2.5/- 2.85
f =120Hz , COUT = 22µF
Tantalum, IOUT = 1A,
VIN= 6V
60
72
dB
DF1117-3.3
f =120Hz , COUT = 22µF
Tantalum, IOUT = 1A,
VIN = 6.3V
60
72
dB
DF1117-5.0
f =120Hz , COUT = 22µF
Tantalum, IOUT = 1A,
VIN = 8V
60
68
dB
热阻
DF1117
T A = 25°C, 30ms pulse
0.008
0.04
%W
校正电流
DF1117
10mA
≤ IOUT≤ 1A,
1.5V
≤ (VIN- VOUT) ≤ 12V
55
120
µA
µA
校正电流
变化量
DF1117
10mA
IOUT ≤ 1A,
1.5V
≤ (VIN - VOUT) ≤ 12V
0.2
5
µA
温度稳定性
0.5
%
长期稳定性
T A =125°C, 1000Hrs
0.3
1
%


Similar Part No. - DF1117-2.85

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF1114 ETC1-DF1114 Datasheet
115Kb / 1P
   DUAL OUTPUT CLOCK OSCILLATOR
DF1115 ETC1-DF1115 Datasheet
115Kb / 1P
   DUAL OUTPUT CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com