Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-51167NCU-FW-AA Datasheet(PDF) 12 Page - OPTREX CORPORATION

Part # F-51167NCU-FW-AA
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

F-51167NCU-FW-AA Datasheet(HTML) 12 Page - OPTREX CORPORATION

Back Button F-51167NCU-FW-AA Datasheet HTML 8Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 9Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 10Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 11Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 12Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 13Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 14Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 15Page - OPTREX CORPORATION F-51167NCU-FW-AA Datasheet HTML 16Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
F-51167NCU-FW-AA
(AA)
No.2000-0249
OPTREX CORPORATION
Page 12/17
OPTREX
5.Test
No change on display and in operation under the following test condition.
No.
Parameter
Conditions
Notes
1
High Temperature Operating
50℃±2℃, 96hrs (operation state)
2
Low Temperature Operating
0℃±2℃, 96hrs (operation state)
3
3
High Temperature Storage
60℃±2℃, 96hrs
4
4
Low Temperature Storage
-20℃±2℃, 96hrs
3, 4
5
Damp Proof Test
40℃±2℃, 90~95%RH, 96hrs
3, 4
6
Vibration Test
Total fixed amplitude : 1.5mm
5
Vibration Frequency : 10~55Hz
One cycle 60 seconds to 3 directions of X, Y, Z for
each 15 minutes
7
Shock Test
To be measured after dropping from 60cm high on
the concrete surface in packing state.
Note 1 : Unless otherwise specified, tests will be conducted under the following condition.
Temperature : 20±5℃
Humidity
: 65±5%
Note 2 : Unless otherwise specified, tests will be not conducted under functioning state.
Note 3 : No dew condensation to be observed.
Note 4 : The function test shall be conducted after 4 hours storage at the normal temperature and humidity
after removed from the test chamber.
Note 5 : Vibration test will be conducted to the product itself without putting it in a container.
E
A
G
D
C
F
60cm
Concrete Surface
Dropping method corner dropping
E,F,G face : once
B,C,D edge : once
A corner : once
Face dropping
Edge dropping
B


Similar Part No. - F-51167NCU-FW-AA

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results

Similar Description - F-51167NCU-FW-AA

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com