Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


F-51167NCU-FW-AA Datasheet(PDF) 10 Page - OPTREX CORPORATION

Part No. F-51167NCU-FW-AA
Description  LCD Module Specification
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTREX [OPTREX CORPORATION]
Homepage  http://www.kyocera-display.eu
Logo 

 10 page
background image
F-51167NCU-FW-AA
(AA)
No.2000-0249
OPTREX CORPORATION
Page 10/17
OPTREX
4.I/O Terminal
4.1.Pin Assignment
CN1
No.
Symbol
Level
Function
1
D0
H / L
Display Data
2
D1
H / L
Display Data
3
D2
H / L
Display Data
4
D3
H / L
Display Data
5
D4
H / L
Display Data
6
D5
H / L
Display Data
7
D6
H / L
Display Data
8
D7
H / L
Display Data
9
DISP OFF
H / L
Display Control Signal
H : Display on
L : Display off
10
FLM
H / L
First Line Marker
11
LP
H→L
Data Latch Signal
12
CP
H→L
Clock Signal for Shifting Data
13
M
H / L
Alternate Signal for LCD Drive
14
VCC1
Power Supply for Logic
15
VSS
Power Supply (0V, VSS)
16
VSS
Power Supply (0V, VSS)
17
VCC2
Power Supply for LCD Drive
18
VADJ
Voltage Level for LCD Contrast Adjustment
CN2
No.
Symbol
Level
Function
1
CFL HOT
Power Supply for CFL (HOT)
2
NC
Non-connection
3
NC
Non-connection
4
CFL GND
Power Supply for CFL (GND)
4.2.Example of Power Supply
It is recommended to apply a potentiometer for the contrast adjust due to the tolerance
of the driving voltage and its temperature dependence.
MODULE
VADJ
VSS
VCC2
VCC2
3.3V
R1+R2+VR=10~20KΩ
VSS
R2
R1
VR
VCC1
VCC1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DMC16230NY-LYLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF-50174LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
T-51382D064-FW-P-ABLCD Module Technical Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW6SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DMC50448LCD Module Specification 1 2 3 4 5 MoreOPTEK Technologies
DM16207HLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMF682ANY-EBLCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
DMC16105LCD Module Specification 1 2 3 4 5 MoreOPTREX CORPORATION
TM161FBCW7SPECIFICATION FOR LCD MODULE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM057QCTT03DEVICE SPECIFICATION for Passive Matrix LCD Module 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl