Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

M62420 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M62420
Description  SOUND CONTROLLER FOR TV
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 
 
 4 page
background image
MITSUBISHI SOUND PROCESSOR
M62420SP/FP
SOUND CONTROLLER FOR TV
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
ELECTRIC
MITSUBISHI
(
/
)
16
ABSOLUTE MAXIMUM RATINGS
4
Ambient temperature Ta [°C]
0
200
600
0
25
50
75
100
125
150
750mW
400
800
1000
375mW
SYMBOL
Pd
Topr
Tstg
-20~+75
-40~+125
V
mW
°C
°C
PARAMETER
CONDITION
LIMITS
UNIT
Power dissipation
Operating temperature
750
mW/°C
DVdd
10.0
7.0
V
Analog supply voltage
AVdd
K
7.5
Digital supply voltage
Thermal Derating ratio
Strage temperature
Thermal Derating
Ta
25°C
Ta
25°C
275mW
550mW
SP
FP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BD3883FSAudio Sound Controller for home audio 1 2 3 4 5 MoreRohm
M61510AFPSound Controller for Quality/Sound Field Control with Built-in Surround Sound 1 2 3 4 5 MoreRenesas Technology Corp
M62419FPSOUND CONTROLLER FOR CAR STEREO 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62494SPSOUND CONTROLLER FOR TV 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62434FPSOUND CONTROLLER FOR TV 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62436FPSOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
UPD1723GF-013PLL FREQUENCY SYNTHESIZER AND CONTROLLER FOR FM/MW/LF TUNER CAR AUDIO 1 2 3 4 5 MoreNEC
U828BFM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION 1 2 3 4 5 TEMIC Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TSM1051CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2015    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl