Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAPM4420 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GAPM4420
Description  Mini size of Discrete semiconductor elements
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GAPM4420 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GAPM4420 Datasheet HTML 1Page - List of Unclassifed Manufacturers GAPM4420 Datasheet HTML 2Page - List of Unclassifed Manufacturers GAPM4420 Datasheet HTML 3Page - List of Unclassifed Manufacturers GAPM4420 Datasheet HTML 4Page - List of Unclassifed Manufacturers GAPM4420 Datasheet HTML 5Page - List of Unclassifed Manufacturers GAPM4420 Datasheet HTML 6Page - List of Unclassifed Manufacturers GAPM4420 Datasheet HTML 7Page - List of Unclassifed Manufacturers GAPM4420 Datasheet HTML 8Page - List of Unclassifed Manufacturers GAPM4420 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMA, SMB, SMC
SMA
SMB
SMC
Dim
Min
Max
Min
Max
Min
Max
A
2.29
2.92
3.30
3.94
5.59
6.22
B
4.00
4.60
4.06
4.57
6.60
7.11
C
1.27
1.63
1.96
2.21
2.75
3.18
D
0.15
0.31
0.15
0.31
0.15
0.31
E
4.80
5.59
5.00
5.59
7.75
8.13
G
0.10
0.20
0.10
0.20
0.10
0.20
H
0.76
1.52
0.76
1.52
0.76
1.52
J
2.01
2.62
2.00
2.62
2.00
2.62
A
B
C
D
G
H
E
J
A B
C
D E
G
H
J
L
K
DF-S / MBS(MDI)
E
H
L
K
A
D
C
G
B
J
DF-M
DF-S
MBS (MDI)
DF-M
Dim
Min
Max
Min
Max
Min
Max
A
7.40
7.90
5.43
5.75
7.40
7.90
B
6.20
6.50
3.6
4.0
6.20
6.50
C
0.22
0.30
0.15
0.35
0.22
0.30
D
0.076
0.33
0.05
0.20
1.27
2.03
E
10.40
7.0
7.60
8.90
G
1.02
1.53
0.70
1.10
3.81
4.69
H
8.13
8.51
4.5
4.9
8.13
8.51
J
2.40
3.40
2.8
2.9
2.40
3.40
K
5.00
5.20
2.5
2.7
5.00
5.20
L
1.00
1.20
0.50
0.80
0.46
0.58
A
M
J
L
D
B C
H
K
G
F
TOP VIEW
SOT-363/353
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
SOT-26/SOT-25
SOT-26/25
Dim
Min
Max
Typ
A
0.35
0.50
0.38
B
1.50
1.70
1.60
C
2.70
3.00
2.80
D
¾¾
0.95
F
¾¾
0.55
H
2.90
3.10
3.00
J
0.013 0.10
0.05
K
1.00
1.30
1.10
L
0.35
0.55
0.40
M
0.10
0.20
0.15
a
¾
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.15
0.25
0.20
M
0.10
0.18
0.11
All Dimensions in mm
SOT-763 / SOT-563 / SOT-363 / SOT-353
H E
K
D
B1
e
e1
Dimensions In Millimeters
Symbol
Min.
Nom.
Max.
A(Thin)
A1
0.02
0.05
0.08
B
0.60
0.70
0.80
B1
2.90
-
3.15(Ref.)
-
0.124(Ref.)
c
0.28
0.30
0.32
D
6.30
6.50
6.70
E
3.30
3.50
3.70
e
2.3 Basic
e1
4.6 Basic
H
6.70
7.00
7.30
L
0.91
1.00
1.10
K
1.50
1.75
2.00
α
5
o
10°
β
-
13
o
-
1.50
1.65
1.80
SOT-223
P.30
P.29


Similar Part No. - GAPM4420

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
GAP-027 GLENAIR-GAP-027 Datasheet
236Kb / 3P
   319 SERIES SWING ARM CLAMP SHIELD SOCK TERMINATION PROCEDURE
logo
GeneSiC Semiconductor, ...
GAP05SLT80-220 GENESIC-GAP05SLT80-220 Datasheet
201Kb / 3P
   Normally ??OFF Silicon Carbide Junction Transistor
GAP05SLT80-CAL GENESIC-GAP05SLT80-CAL Datasheet
184Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GAP05SLT80-CAL GENESIC-GAP05SLT80-CAL_15 Datasheet
362Kb / 5P
   Silicon Carbide Power Schottky Diode
logo
List of Unclassifed Man...
GAP1605 ETC2-GAP1605 Datasheet
65Kb / 3P
   Portable programming unit
More results

Similar Description - GAPM4420

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
KT815A INTEGRAL-KT815A Datasheet
246Kb / 8P
   DISCRETE SEMICONDUCTOR Transistors
logo
Micro Commercial Compon...
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
BAS16WX-TP MCC-BAS16WX-TP Datasheet
115Kb / 3P
   Complete Discrete Semiconductor Solutions
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
logo
M-System Co.,Ltd.
MSP6C MSYSTEM-MSP6C Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6 MSYSTEM-MSP6 Datasheet
144Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP50 MSYSTEM-MSP50 Datasheet
184Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP40 MSYSTEM-MSP40 Datasheet
187Kb / 5P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP5D MSYSTEM-MSP5D Datasheet
166Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
MSP6D MSYSTEM-MSP6D Datasheet
161Kb / 6P
   Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com