Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC8201 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC8201
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC8201 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8201 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 5 of 21 -
Regulator Circuit
For systems with a single power supply, the VSC8201 provides an option to generate the 1.5v supply from the 3.3v supply by using the
on chip regulator. The internal regulator is enabled by having a 10k pull-up on the REG_EN pin.
To use the Regulator the following additional components are required:
FET device, similar to Fairchild FDT439N.
For decoupling, two 0.0047uF capacitors with 10% tolerance or better. NPO, X7R or X5R are all acceptable.
Systems with single 3.3v,+/-10% Wake on LAN supply
The following figure shows the circuit for generating the 1.5v supply using a 3.3v,+/-10% supply
Figure 5: Regulator Circuit using 3.3v, +/-10% supply
Key points
Place a 0.0047uF capacitor as close to REG_OUT as possible.
Place a 0.0047uF capacitor as close to the FET as possible.
Tie the GND line together with VREFN, capacitor connected to REF_FILT, resistor R4 (See figure above) and then connect to a com-
mon ground.
VREFP should be connected to the analog 3.3v plane i.e. V+A33.
Using ActiPHYTM Power Management
The VSC8201 supports a new power saving mode called ActiPHYTM, particularly suited to power saving applications like laptop comput-
ers with wake on LAN capability.1
When in ActiPHYTM mode the PHY is in one of two power down states and has the ability to detect valid signal energy levels at the
media pins and convey it to the station manager.
1. Refer VSC8201 Datasheet.


Similar Part No. - VSC8201

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC8201 PULSE-VSC8201 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC8201

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8558 VITESSE-VSC8558 Datasheet
236Kb / 2P
   Octal Port 10/100/1000BASE-T and 1000BASE-X PHY
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
   Octal Port 10/100/1000BASE-T PHY
logo
Microsemi Corporation
VSC8658 MICROSEMI-VSC8658 Datasheet
703Kb / 95P
   Octal 10/100/1000BASE-T PHY and 100BASEFX/1000BASE-X SerDes
Revision 4.1
logo
Vitesse Semiconductor C...
VSC8211 VITESSE-VSC8211 Datasheet
470Kb / 2P
   Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
VSC8224HG VITESSE-VSC8224HG Datasheet
695Kb / 2P
   Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
VSC8224 VITESSE-VSC8224 Datasheet
435Kb / 2P
   Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
logo
Microsemi Corporation
VSC8221 MICROSEMI-VSC8221 Datasheet
1Mb / 138P
   Single Port 10/100/1000BASE-T PHY with1.25 Gbps SerDes for SFPs/GBICs
logo
Level One
GVT-2000 LVL1-GVT-2000 Datasheet
646Kb / 4P
   10/100/1000BASE-T to 1000BASE-X SFP Converter
logo
Micrel Semiconductor
KSZ9021RL MICREL-KSZ9021RL Datasheet
67Kb / 2P
   Single-port 10/100/1000Base-T Gigabit Transceiver
logo
Dongguan Xinkang Electr...
QT24A12 TNK-QT24A12 Datasheet
60Kb / 1P
   10/100/1000Base-T Single Port Transformer Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com