Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1653AP Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1653AP
Description  Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653AP Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1653AP Datasheet HTML 1Page - ON Semiconductor NCP1653AP Datasheet HTML 2Page - ON Semiconductor NCP1653AP Datasheet HTML 3Page - ON Semiconductor NCP1653AP Datasheet HTML 4Page - ON Semiconductor NCP1653AP Datasheet HTML 5Page - ON Semiconductor NCP1653AP Datasheet HTML 6Page - ON Semiconductor NCP1653AP Datasheet HTML 7Page - ON Semiconductor NCP1653AP Datasheet HTML 8Page - ON Semiconductor NCP1653AP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCP1653, NCP1653A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C. For min/max values, TJ = −40°C to +125°C, VCC = 15 V,
IFB = 100 mA, Ivac = 30 mA, IS = 0 mA, unless otherwise specified)
Characteristics
Unit
Max
Typ
Min
Symbol
Pin
SUPPLY SECTION
Supply Voltage
UVLO Startup Threshold
Minimum Operating Voltage after Startup
UVLO Hysteresis
8
VCC(on)
VCC(off)
VCC(H)
12.25
8.0
4.0
13.25
8.7
4.55
14.5
9.5
V
V
V
Supply Current:
Startup (VCC = VCC(on) − 0.2 V)
Startup (VCC < 4.0 V, IFB = 200 mA)
Startup (4.0 V < VCC < VCC(on) − 0.2 V, IFB = 200 mA)
Startup (VCC < VCC(on) − 0.2 V, IFB = 0 mA) (Note 4)
Operating (VCC = 15 V, Drv = open, VM = 3 V)
Operating (VCC = 15 V, Drv = 1 nF to Gnd, VM = 1 V)
Shutdown (VCC = 15 V and IFB = 0 A)
8
Istup
Istup1
Istup2
Istup3
ICC1
ICC2
Istdn
18
0.95
21
21
3.7
4.7
33
50
1.5
50
50
5.0
6.0
50
mA
mA
mA
mA
mA
mA
mA
4. Please refer to the “Biasing the Controller” Section in the Functional Description.
TYPICAL CHARACTERISTICS
Figure 3. Switching Frequency vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
60
65
70
75
80
85
90
−50
0
25
50
75
100
125
Figure 4. Maximum Duty Cycle vs. Temperature
Figure 5. Gate Drive Resistance vs. Temperature
Figure 6. Reference Current vs. Temperature
−25
95
100
105
110
TJ, JUNCTION TEMPERATURE (°C)
90
91
92
93
94
95
96
−50
0
25
50
75
100
125
−25
97
VM = 0 V
TJ, JUNCTION TEMPERATURE (°C)
0
2
4
6
−50
0
25
50
75
100
125
−25
8
10
TJ, JUNCTION TEMPERATURE (°C)
195
196
197
198
199
200
201
−50
0
25
50
75
100
125
−25
202
ROH
203
205
98
99
100
12
14
ROL
204
NCP1653
NCP1653A


Similar Part No. - NCP1653AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653AP ONSEMI-NCP1653AP Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
NCP1653APG ONSEMI-NCP1653APG Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
NCP1653APG ONSEMI-NCP1653APG Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
More results

Similar Description - NCP1653AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20115 RENESAS-R2A20115 Datasheet
143Kb / 1P
   Continuous Conduction Mode PFC IC
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com