Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS5223MNR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAS5223MNR2G
Description  Ultra?묹ow 0.5ohm Dual SPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS5223MNR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAS5223MNR2G Datasheet HTML 3Page - ON Semiconductor NLAS5223MNR2G Datasheet HTML 4Page - ON Semiconductor NLAS5223MNR2G Datasheet HTML 5Page - ON Semiconductor NLAS5223MNR2G Datasheet HTML 6Page - ON Semiconductor NLAS5223MNR2G Datasheet HTML 7Page - ON Semiconductor NLAS5223MNR2G Datasheet HTML 8Page - ON Semiconductor NLAS5223MNR2G Datasheet HTML 9Page - ON Semiconductor NLAS5223MNR2G Datasheet HTML 10Page - ON Semiconductor NLAS5223MNR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NLAS5223, NLAS5223L
http://onsemi.com
8
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is
the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
VCT = Use VISO setup and test to all other switch analog input/outputs terminated with 50 W
Output
DUT
Input
50
W
50
W Generator
Reference
Transmitted
Figure 5. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
50
W
VOUT
VIN
VOUT
VIN
Off
On
Off
DVOUT
VCC
GND
Output
VIN
CL
DUT
Figure 6. Charge Injection: (Q)
VIN
Open
Output


Similar Part No. - NLAS5223MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223MNR2G ONSEMI-NLAS5223MNR2G Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
NLAS5223MNR2G ONSEMI-NLAS5223MNR2G Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
More results

Similar Description - NLAS5223MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B Datasheet
124Kb / 12P
   Ultra?묹ow 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 3
logo
Texas Instruments
LMS4684 TI-LMS4684_15 Datasheet
956Kb / 18P
[Old version datasheet]   0.5Ohm Low-Voltage, Dual SPDT Analog Switch
logo
ON Semiconductor
SLAS5223 ONSEMI-SLAS5223 Datasheet
151Kb / 10P
   Ultra-Low Dual SPDT Analog Switch
October, 2013 ??Rev. 0
NLAS52231 ONSEMI-NLAS52231_08 Datasheet
155Kb / 9P
   Ultra-Low Dual SPDT Analog Switch
September, 2008 ??Rev. 2
NLAS3799 ONSEMI-NLAS3799 Datasheet
98Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
October, 2005 ??Rev. 0
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS3799B ONSEMI-NLAS3799B Datasheet
99Kb / 11P
   Dual DPDT Ultra?묹ow RON Switch
March, 2006 ??Rev. 0
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com