Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1653P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1653P
Description  Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653P Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1653P Datasheet HTML 1Page - ON Semiconductor NCP1653P Datasheet HTML 2Page - ON Semiconductor NCP1653P Datasheet HTML 3Page - ON Semiconductor NCP1653P Datasheet HTML 4Page - ON Semiconductor NCP1653P Datasheet HTML 5Page - ON Semiconductor NCP1653P Datasheet HTML 6Page - ON Semiconductor NCP1653P Datasheet HTML 7Page - ON Semiconductor NCP1653P Datasheet HTML 8Page - ON Semiconductor NCP1653P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCP1653, NCP1653A
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Symbol
Name
Function
1
FB / SD
Feedback /
Shutdown
This pin receives a feedback current IFB which is proportional to the PFC circuit output voltage.
The current is for output regulation, output overvoltage protection (OVP), and output
undervoltage protection (UVP).
When IFB goes above 107% Iref, OVP is activated and the Drive Output is disabled.
When IFB goes below 8% Iref, the device enters a low−consumption shutdown mode.
2
Vcontrol
Control Voltage /
Soft−Start
The voltage of this pin Vcontrol directly controls the input impedance and hence the power
factor of the circuit. This pin is connected to an external capacitor Ccontrol to limit the Vcontrol
bandwidth typically below 20 Hz to achieve near unity power factor.
The device provides no output when Vcontrol = 0 V. Hence, Ccontrol also works as a soft−start
capacitor.
3
In
Input Voltage
Sense
This pin sinks an input−voltage current Ivac which is proportional to the RMS input voltage Vac.
The current Ivac is for overpower limitation (OPL) and PFC duty cycle modulation. When the
product (IS⋅Ivac) goes above 3 nA2, OPL is activated and the Drive Output duty ratio is reduced
by pulling down Vcontrol indirectly to reduce the input power.
4
CS
Input Current
Sense
This pin sources a current IS which is proportional to the inductor current IL. The sense current
IS is for overcurrent protection (OCP), overpower limitation (OPL) and PFC duty cycle
modulation. When IS goes above 200 mA, OCP is activated and the Drive Output is disabled.
5
VM
Multiplier Voltage
This pin provides a voltage VM for the PFC duty cycle modulation. The input impedance of the
PFC circuit is proportional to the resistor RM externally connected to this pin. The device
operates in average current−mode if an external capacitor CM is connected to the pin.
Otherwise, it operates in peak current−mode.
6
GND
The IC Ground
7
Drv
Drive Output
This pin provides an output to an external MOSFET.
8
VCC
Supply Voltage
This pin is the positive supply of the device. The operating range is between 8.75 V and 18 V
with UVLO start threshold 13.25 V.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
FB, Vcontrol, In, CS, VM Pins (Pins 1−5)
Maximum Voltage Range
Maximum Current
Vmax
Imax
−0.3 to +9
100
V
mA
Drive Output (Pin 7)
Maximum Voltage Range
Maximum Current Range (Note 2)
Vmax
Imax
−0.3 to +18
1.5
V
A
Power Supply Voltage (Pin 8)
Maximum Voltage Range
Maximum Current
Vmax
Imax
−0.3 to +18
100
V
mA
Power Dissipation and Thermal Characteristics
P suffix, Plastic Package, Case 626
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
D suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
PD
RqJA
PD
RqJA
800
100
450
178
mW
°C/W
mW
°C/W
Operating Junction Temperature Range
TJ
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute maximum−rated is not implied. Functional operation
should be restricted to the Recommended Operating Conditions.
A.
This device series contains ESD protection and exceeds the following tests:
Pins 1−8: Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 190 V.
B.
This device contains Latchup protection and exceeds
±100 mA per JEDEC Standard JESD78.
2. Guaranteed by design.


Similar Part No. - NCP1653P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653P ONSEMI-NCP1653P Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
NCP1653PG ONSEMI-NCP1653PG Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
NCP1653PG ONSEMI-NCP1653PG Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
More results

Similar Description - NCP1653P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20115 RENESAS-R2A20115 Datasheet
143Kb / 1P
   Continuous Conduction Mode PFC IC
logo
Texas Instruments
UCC28019DRG4 TI-UCC28019DRG4 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019A TI-UCC28019A Datasheet
1Mb / 47P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
UCC28019 TI1-UCC28019_12 Datasheet
1,017Kb / 49P
[Old version datasheet]   8-Pin Continuous Conduction Mode (CCM) PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com