Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7102 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7102
Description  Common Mode EMI Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

7102 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7102 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd., Gardena, CA 90247-1059 • (310) 515-1720 • FAX (310) 515-1962
www .jwmiller .com
132
Common Mode EMI Inductors
4
1
D
(3)
(2)
0.12 min.
A
4
1
3
2
Special Features
Reduce conductive EMI emission
High current capacity
High impedance at low frequency
Dielectric strength 3750VRMS
Coil wound on VW-1 rated plastic
cased ferrite core
Operating temperature -55 to +105°C
7100 Series
L (mH)
DCR
Dim.
Dim.
Dim.
Dim.
Dim.
Part
±15%
I, DC
(
Ω)A
B
C
D
E
Number @ 1KHz
(A)
Max.
Max.
Max.
Nom. Nom.
Nom.
7101
0.6
1.0
0.040
0.600
0.450
0.400
0.200
0.016
7102
1.0
1.0
0.060
0.600
0.450
0.400
0.200
0.016
7103
2.0
1.0
0.070
0.600
0.450
0.400
0.200
0.016
7104
3.0
1.0
0.100
0.600
0.450
0.400
0.200
0.016
7105
5.0
1.0
0.125
0.600
0.450
0.400
0.200
0.016
7106
0.6
2.0
0.030
0.600
0.450
0.400
0.200
0.020
7107
1.0
2.0
0.040
0.600
0.450
0.400
0.200
0.020
7108
2.0
2.0
0.060
0.600
0.450
0.400
0.200
0.020
7109
3.0
2.0
0.075
0.600
0.450
0.400
0.200
0.020
7110
0.6
3.0
0.020
0.600
0.450
0.400
0.200
0.023
7111
1.0
3.0
0.030
0.600
0.450
0.400
0.200
0.023
7112
1.0
2.0
0.050
0.800
0.550
0.500
0.300
0.023
7113
2.0
2.0
0.075
0.800
0.550
0.500
0.300
0.023
7114
3.0
2.0
0.085
0.800
0.550
0.500
0.300
0.023
7115
5.0
2.0
0.110
0.800
0.550
0.500
0.300
0.023
7116
8.0
2.0
0.200
0.800
0.550
0.500
0.300
0.023
7117
1.0
5.0
0.035
0.800
0.550
0.500
0.300
0.030
7118
2.0
5.0
0.040
1.20
0.800
0.700
0.400
0.030
7119
5.0
4.0
0.046
1.20
0.800
0.700
0.400
0.030
7120
8.0
4.0
0.060
1.20
0.800
0.700
0.400
0.030
7121
50
2.0
0.200
1.20
0.800
0.700
0.400
0.023
7122
30
4.0
0.130
1.20
0.800
0.700
0.400
0.030
7123
11
5.0
0.072
1.20
0.800
0.700
0.400
0.036
7124
3.0
10
0.020
1.20
0.800
0.700
0.400
0.046
B
1/16" of body
to within
Lead tinned
E
C
min.
0.50


Similar Part No. - 7102

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7102 GILWAY-7102 Datasheet
33Kb / 1P
   T- Subminiature Lamps
logo
Filtran LTD
7102 FILTRAN-7102 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Coto Technology
7102 COTO-7102 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
API Technologies Corp
7102 APITECH-7102 Datasheet
410Kb / 1P
   Dual Transformer
logo
Bourns Electronic Solut...
7102-RC BOURNS-7102-RC Datasheet
89Kb / 1P
   Common Mode EMI Chokes
More results

Similar Description - 7102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7353-V ETC2-7353-V Datasheet
38Kb / 1P
   Common Mode Inductors/EMI Filters
logo
Pulse A Technitrol Comp...
PE-62916NL PULSE-PE-62916NL Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
logo
Datatronic Distribution...
PT22001 DATATRONICS-PT22001 Datasheet
97Kb / 1P
   Common Mode EMI Suppression Inductors
logo
Bourns Electronic Solut...
7355-H-RC BOURNS-7355-H-RC Datasheet
88Kb / 1P
   Common Mode Inductors/EMI Filters
7402-RC BOURNS-7402-RC Datasheet
89Kb / 1P
   Common Mode Inductors/EMI Filters
logo
Delta Electronics, Inc.
LFZ28V DELTA-LFZ28V Datasheet
45Kb / 1P
   EMI Common-Mode Suppression Inductors
logo
Pulse A Technitrol Comp...
PE-62897NL PULSE-PE-62897NL Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62891 PULSE-PE-62891 Datasheet
58Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62893NL PULSE-PE-62893NL Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
logo
List of Unclassifed Man...
PE-96161 ETC1-PE-96161 Datasheet
79Kb / 1P
   500 kHz COMMON MODE EMI INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com