Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6920 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6920
Description  12-Output, 76V, Serial-Interfaced VFD Tube Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6920 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6920 Datasheet HTML 1Page - Maxim Integrated Products MAX6920 Datasheet HTML 2Page - Maxim Integrated Products MAX6920 Datasheet HTML 3Page - Maxim Integrated Products MAX6920 Datasheet HTML 4Page - Maxim Integrated Products MAX6920 Datasheet HTML 5Page - Maxim Integrated Products MAX6920 Datasheet HTML 6Page - Maxim Integrated Products MAX6920 Datasheet HTML 7Page - Maxim Integrated Products MAX6920 Datasheet HTML 8Page - Maxim Integrated Products MAX6920 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
12-Output, 76V, Serial-Interfaced
VFD Tube Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Typical Operating Circuit, VBB = 8V to 76V, VCC = 3V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage (with respect to GND)
VBB.................................................................................-0.3V to +80V
VCC .......................................................................-0.3V to +6V
OUT_.......................................................-0.3V to (VBB + 0.3V)
All Other Pins..........................................-0.3V to (VCC + 0.3V)
OUT_ Continuous Source Current ....................................-45mA
OUT_ Pulsed (1ms max, 1/4 max duty) Source Current ...-80mA
Total OUT_ Continuous Source Current .........................-540mA
Total OUT_ Continuous Sink Current .................................60mA
Total OUT_ Pulsed (1ms max, 1/4 max duty)
Source Current ............................................................-960mA
OUT_ Sink Current ..............................................................15mA
CLK, DIN, LOAD, BLANK, DOUT Current .......................±10mA
Continuous Power Dissipation
20-Pin Wide SO (derate 10mW/°C over TA = +70°C) ..800mW
Operating Temperature Range (TMIN to TMAX) .-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Supply Voltage
VCC
3
5.5
V
Tube Supply Voltage
VBB
876
V
TA = +25°C
72
170
All outputs OUT_
low, CLK = idle
TA = -40°C to +125°C
200
TA = +25°C
350
650
Logic Supply Operating Current
ICC
All outputs OUT_
high, CLK = idle
TA = -40°C to +125°C
700
µA
TA = +25°C1
2
All outputs OUT_
low
TA = -40°C to +125°C
4.2
TA = +25°C
0.53
0.85
Tube Supply Operating Current
IBB
All outputs OUT_
high
TA = -40°C to +125°C
0.9
mA
TA = +25°CVBB - 1.1
TA = -40°C to +85°CVBB - 2
VBB
≥ 15V,
IOUT = -25mA
TA = -40°C to +125°CVBB - 2.5
TA = -40°C to +85°CVBB - 3.5
VBB
≥ 15V,
IOUT = -40mA
TA = -40°C to +125°CVBB - 4.0
TA = +25°CVBB - 1.2
TA = -40°C to +85°CVBB - 2.5
High-Voltage OUT_
VH
8V < VBB < 15V,
IOUT = -25mA
TA = -40°C to +125°CVBB - 3.0
V
TA = +25°C
0.75
1
TA = -40°C to +85°C
1.5
VBB
≥ 15V,
IOUT = 1mA
TA = -40°C to +125°C
1.9
TA = +25°C
0.8
1.1
TA = -40°C to +85°C
1.6
Low-Voltage OUT_
VL
8V < VBB < 15V,
IOUT = 1mA
TA = -40°C to +125°C
2.0
V


Similar Part No. - MAX6920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6920AWP MAXIM-MAX6920AWP Datasheet
1Mb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
MAX6920 MAXIM-MAX6920_14 Datasheet
1Mb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
More results

Similar Description - MAX6920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6920 MAXIM-MAX6920_14 Datasheet
1Mb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
MAX6921 MAXIM-MAX6921 Datasheet
282Kb / 14P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
MAX6921 MAXIM-MAX6921_10 Datasheet
143Kb / 13P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 1; 4/10
MAX6922 MAXIM-MAX6922 Datasheet
1Mb / 14P
   27-, 28-, and 32-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 3; 7/14
logo
LDT Co., Ltd
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
   16 SEGMENT X 12 GRID VFD DRIVER
logo
Toshiba Semiconductor
TB2104F TOSHIBA-TB2104F_02 Datasheet
465Kb / 9P
   VFD Driver
TB2104F TOSHIBA-TB2104F Datasheet
326Kb / 8P
   VFD DRIVER
logo
Silan Microelectronics ...
SC16315 SILAN-SC16315 Datasheet
556Kb / 11P
   VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD16315 ETC-AD16315 Datasheet
216Kb / 15P
   1/4-to 1/12 Duty VFD Controller/Driver
logo
SamHop Microelectronics...
SM6311 SAMHOP-SM6311 Datasheet
116Kb / 11P
   VFD CONTROLLER / DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com