Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6920 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6920
Description  12-Output, 76V, Serial-Interfaced VFD Tube Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6920 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6920 Datasheet HTML 2Page - Maxim Integrated Products MAX6920 Datasheet HTML 3Page - Maxim Integrated Products MAX6920 Datasheet HTML 4Page - Maxim Integrated Products MAX6920 Datasheet HTML 5Page - Maxim Integrated Products MAX6920 Datasheet HTML 6Page - Maxim Integrated Products MAX6920 Datasheet HTML 7Page - Maxim Integrated Products MAX6920 Datasheet HTML 8Page - Maxim Integrated Products MAX6920 Datasheet HTML 9Page - Maxim Integrated Products MAX6920 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
12-Output, 76V, Serial-Interfaced
VFD Tube Driver
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
10 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
PACKAGE OUTLINE, .300" SOIC
1
1
21-0042
B
REV.
DOCUMENT CONTROL NO.
APPROVAL
PROPRIETARY INFORMATION
TITLE:
TOP VIEW
FRONT VIEW
MAX
0.012
0.104
0.019
0.299
0.013
INCHES
0.291
0.009
E
C
DIM
0.014
0.004
B
A1
MIN
0.093
A
0.23
7.40
7.60
0.32
MILLIMETERS
0.10
0.35
2.35
MIN
0.49
0.30
MAX
2.65
0.050
0.016
L
0.40
1.27
0.512
0.496
D
D
MIN
DIM
D
INCHES
MAX
12.60
13.00
MILLIMETERS
MIN
MAX
20
AC
0.447
0.463
AB
11.75
11.35
18
0.398
0.413
AA
10.50
10.10
16
N
MS013
SIDE VIEW
H
0.419
0.394
10.00
10.65
e
0.050
1.27
D
0.614
0.598
15.20
24
15.60
AD
D
0.713
0.697
17.70
28
18.10
AE
H
E
N
D
A1
B
e
A
0-8
C
L
1
VARIATIONS:


Similar Part No. - MAX6920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6920AWP MAXIM-MAX6920AWP Datasheet
1Mb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
MAX6920 MAXIM-MAX6920_14 Datasheet
1Mb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
More results

Similar Description - MAX6920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6920 MAXIM-MAX6920_14 Datasheet
1Mb / 10P
   12-Output, 76V, Serial-Interfaced VFD Tube Driver
Rev 1; 8/14
MAX6921 MAXIM-MAX6921 Datasheet
282Kb / 14P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 0; 10/03
MAX6921 MAXIM-MAX6921_10 Datasheet
143Kb / 13P
   20-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 1; 4/10
MAX6922 MAXIM-MAX6922 Datasheet
1Mb / 14P
   27-, 28-, and 32-Output, 76V, Serial-Interfaced VFD Tube Drivers
Rev 3; 7/14
logo
LDT Co., Ltd
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
   16 SEGMENT X 12 GRID VFD DRIVER
logo
Toshiba Semiconductor
TB2104F TOSHIBA-TB2104F_02 Datasheet
465Kb / 9P
   VFD Driver
TB2104F TOSHIBA-TB2104F Datasheet
326Kb / 8P
   VFD DRIVER
logo
Silan Microelectronics ...
SC16315 SILAN-SC16315 Datasheet
556Kb / 11P
   VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD16315 ETC-AD16315 Datasheet
216Kb / 15P
   1/4-to 1/12 Duty VFD Controller/Driver
logo
SamHop Microelectronics...
SM6311 SAMHOP-SM6311 Datasheet
116Kb / 11P
   VFD CONTROLLER / DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com