Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3370 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3370
Description  Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3370 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3370 Datasheet HTML 6Page - National Semiconductor (TI) LM3370 Datasheet HTML 7Page - National Semiconductor (TI) LM3370 Datasheet HTML 8Page - National Semiconductor (TI) LM3370 Datasheet HTML 9Page - National Semiconductor (TI) LM3370 Datasheet HTML 10Page - National Semiconductor (TI) LM3370 Datasheet HTML 11Page - National Semiconductor (TI) LM3370 Datasheet HTML 12Page - National Semiconductor (TI) LM3370 Datasheet HTML 13Page - National Semiconductor (TI) LM3370 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Typical Performance Characteristics LM3370, Circuit of Figure1, V
IN = 3.6V, VOUT1 =1.5V&VOUT2
= 2.5V, L = 2,2µH (NR3015T2R2M), C
IN = 4.7µF (0805) and COUT = 10µF (0805) & TA = 25˚C, unless otherwise
noted. (Continued)
Typical Operation Waveform
V
IN = 3.6V, VOUT1 = 1.5V, VOUT2 = 2.5V,
Load = 600mA Each
Start-up at PWM for BUCK1
(V
IN = 3.6V, VOUT = 1.5V, Load = 200mA )
20167322
20167327
Start-up at PWM for BUCK2
(V
IN = 3.6V, VOUT = 2.5V, Load = 200mA )
Line Transient
(V
OUT1 = 1.2V )
20167325
20167330
Line Transient
(V
OUT2 = 1.8V )
Load Transient in PFM MODE
(V
OUT1 = 1.5V )
20167331
20167332
www.national.com
10


Similar Part No. - LM3370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3370 NSC-LM3370 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3370SD-3013 NSC-LM3370SD-3013 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370SD-3013/NOPB TI1-LM3370SD-3013/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
More results

Similar Description - LM3370

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3370 NSC-LM3370_08 Datasheet
5Mb / 26P
   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
logo
Texas Instruments
LM3370 TI1-LM3370 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter with Dynamic Voltage Scaling Function
LM3370 TI1-LM3370_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Synchronous Step-Down DC-DC Converter
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
   1A Dual Synchronous Step-down DC/DC Converter
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
   1A Dual Synchronous Step-down DC/DC Converter
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com