Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1302X-SA Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1302X-SA
Description  Single Coil Fan Motor Full Wave Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1302X-SA Datasheet(HTML) 4 Page - Anachip Corp

  AP1302X-SA Datasheet HTML 1Page - Anachip Corp AP1302X-SA Datasheet HTML 2Page - Anachip Corp AP1302X-SA Datasheet HTML 3Page - Anachip Corp AP1302X-SA Datasheet HTML 4Page - Anachip Corp AP1302X-SA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP1301/2/4/5
Single Coil Fan Motor Full Wave Driver
Anachip Corp.
www.anachip.com.tw
Rev 0.2 Apr.16, 2004
4/5
Performance Characteristics (without heat sink AP1304/5)
Ta (
°C)
25
50
60
70
80
85
90
95
100
105
110
115
120
Pd (mW) 550 413 358 303 248 220 193 165
138
110
83
55
28
Power Dissipation Curve
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Ta (。 C)
Pd (m W )
85
Note:SOP-8L package.
Performance Characteristics (with heat sink AP1301/2)
Ta (
°C)
25
50
60
70
80
85
90
95
100
105
110
115
120
Pd (mW) 1000 800 720 640 560 520 480 440
400
360
320
280
240
Power Dissipation Curve
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
Ta (。 C)
Pd (m W )
85
Note:SOP-8L EP package.


Similar Part No. - AP1302X-SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Anachip Corp
AP13025R ANACHIP-AP13025R Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP13025RA ANACHIP-AP13025RA Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP13025RL ANACHIP-AP13025RL Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
AP13025RLA ANACHIP-AP13025RLA Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
More results

Similar Description - AP1302X-SA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8063TT SANYO-LV8063TT Datasheet
112Kb / 8P
   Fan Motor Driver Single-Phase Full-Wave Driver
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com