Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C6F400C7ES Datasheet(PDF) 8 Page - Altera Corporation

Part # EP1C6F400C7ES
Description  Cyclone FPGA Family
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C6F400C7ES Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP1C6F400C7ES Datasheet HTML 4Page - Altera Corporation EP1C6F400C7ES Datasheet HTML 5Page - Altera Corporation EP1C6F400C7ES Datasheet HTML 6Page - Altera Corporation EP1C6F400C7ES Datasheet HTML 7Page - Altera Corporation EP1C6F400C7ES Datasheet HTML 8Page - Altera Corporation EP1C6F400C7ES Datasheet HTML 9Page - Altera Corporation EP1C6F400C7ES Datasheet HTML 10Page - Altera Corporation EP1C6F400C7ES Datasheet HTML 11Page - Altera Corporation EP1C6F400C7ES Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
8
Altera Corporation
Cyclone FPGA Family Data Sheet
Preliminary Information
Each LAB can use two clocks and two clock enable signals. Each LAB’s
clock and clock enable signals are linked. For example, any LE in a
particular LAB using the labclk1 signal will also use labclkena1. If
the LAB uses both the rising and falling edges of a clock, it also uses both
LAB-wide clock signals. De-asserting the clock enable signal will turn off
the LAB-wide clock.
Each LAB can use two asynchronous clear signals and an asynchronous
load/preset signal. The asynchronous load acts as a preset when the
asynchronous load data input is tied high.
With the LAB-wide addnsub control signal, a single LE can implement a
one-bit adder and subtractor. This saves LE resources and improves
performance for logic functions such as DSP correlators and signed
multipliers that alternate between addition and subtraction depending on
data.
The LAB row clocks [5..0] and LAB local interconnect generate the LAB-
wide control signals. The MultiTrackTM interconnect’s inherent low skew
allows clock and control signal distribution in addition to data. Figure 4
shows the LAB control signal generation circuit.
Figure 4. LAB-Wide Control Signals
labclkena1
labclk2
labclk1
labclkena2
asyncload
or labpre
syncload
Dedicated
LAB Row
Clocks
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
labclr1
labclr2
synclr
addnsub
6


Similar Part No. - EP1C6F400C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6F400C7ES ALTERA-EP1C6F400C7ES Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP1C6F400C7ES ALTERA-EP1C6F400C7ES Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C6F400C7ES ALTERA-EP1C6F400C7ES Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results

Similar Description - EP1C6F400C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C3 ALTERA-EP1C3 Datasheet
1Mb / 104P
   Cyclone FPGA Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com