Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8979APR1 Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT8979APR1
Description  CEPT PCM 30/CRC-4 Frame & Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8979APR1 Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT8979APR1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8979APR1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8979APR1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8979APR1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8979APR1 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8979APR1 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8979APR1 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT8979APR1 Datasheet HTML 13Page - Zarlink Semiconductor Inc MT8979APR1 Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MT8979
Data Sheet
10
Zarlink Semiconductor Inc.
Frame Alignment Error Counter
The MT8979 provides an indication of the bit error rate found on the link as required by CCITT Recommendation
G.703. The ERR bit (Bit 5 of MSW1) is used to count the number of errors found in the frame alignment signal and
this can be used to estimate the bit error rate. The ERR bit changes state when 16 errors have been detected in
the frame alignment signal. This bit can not change state more than once every 128 ms, placing an upper limit on
the detectable error rate at approximately 10-3. The following formula can be used to calculate the BER:
where:
7 - is the number of bits in the frame alignment signal (0011011).
16 - is the number of errored frame alignment signals counted between changes of state of the ERR bit.
4000 - is the number of frame alignment signals in a one second interval.
This formula provides a good approximation of the BER given the following assumptions:
1. The bit errors are uniformly distributed on the line. In other words, every bit in every channel is equally
likely to get an error.
2. The errors that occur in channel 0 are bit errors. If the first assumption holds and the bit error rate is
reasonable, (below 10-3) then the probability of two or more errors in seven bits is very low.
Attenuation ROM
All transmit and receive data in the MT8979 is passed through the digital attenuation ROM according to the values
set on bits 5 - 0 of data channels in the control stream (CSTi0). Data can be attenuated on a per-channel basis
from 1 to -6 dB for both Tx and Rx data (refer Table 2).
Digital attenuation is applied on a per-channel basis to the data found one channel after the control information
stored in the control channel CSTi0, i.e., control stream 0 channel 4 contains the attenuation setting for data stream
(DSTo) channel 5.
Signalling Bit RAM
The A, B, C, & D Bit RAM is used to retain the status of the per-channel signalling bits so that they may be
multiplexed into the Control Output Stream (CSTo). This signalling information is only valid when the module is
synchronized to the received data stream. If synchronization is lost, the status of the signalling bits will be retained
for 6.0 ms provided the signalling debounce is active.
Integrated into the signalling bit RAM is a debounce circuit which will delay valid signalling bit changes for 6.0 to 8.0
ms. By debouncing the signalling bits, a bit error will not affect the call in progress. (See Table 3, bits 3-0 of
channel 15 on the CSTi0 line.)
CEPT PCM 30 Format MUX
The CEPT Link Multiplexer formats the data stream corresponding to the CEPT PCM 30 format. This implies that
the multiplexer will use timeslots 1 to 15 and 17 to 31 for data and uses timeslots 0 & 16 for the synchronization and
channel associated signalling.
The frame alignment or non-frame alignment signals for timeslot zero are sourced by the control stream input
CSTi1 channel 16 and 17, respectively. The most significant bit of timeslot zero will optionally contain the cyclical
redundancy check, CRC multiframe pattern and Si bits used for far-end CRC monitoring.
BER=
16* number of times ERR bit toggles
7 * 4000 * elapsed time in seconds


Similar Part No. - MT8979APR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8979AP MITEL-MT8979AP Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
More results

Similar Description - MT8979APR1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH89790B MITEL-MH89790B Datasheet
488Kb / 32P
   ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface Preliminary Information
MT8979 MITEL-MT8979 Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
MH89791 MITEL-MH89791 Datasheet
119Kb / 4P
   CEPT PCM 30 Transmit Equalizer Advance Information
logo
Sames
SA9101 SAMES-SA9101 Datasheet
711Kb / 40P
   PCM FRAME ALIGNER
SA2030 SAMES-SA2030 Datasheet
218Kb / 12P
   PCM FRAME ALIGNER
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Rhombus Industries Inc.
T-13800 RHOMBUS-IND-T-13800 Datasheet
34Kb / 1P
   Transformers for T1 / CEPT / PCM Applications
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com