Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-511A-0I000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 5082-511A-0I000
Description  14.22 mm (0.56 inch) General Purpose Seven-Segment Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-511A-0I000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  5082-511A-0I000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-511A-0I000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-511A-0I000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-511A-0I000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-511A-0I000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-511A-0I000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-511A-0I000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-511A-0I000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-511A-0I000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
This 14.22 mm (0.56 inch) LED
seven-segment display uses industry
standard size package and pinout.
The device is available in either
common anode or common cathode.
Agilent HDSP-511x/513x
14.22 mm (0.56 inch) General Purpose
Seven-Segment Display
Data Sheet
Features
• Industry standard size
• Industry standard pinout
14.22 mm (0.56 inch)
DIP lead on 2.54 mm
• Choice of colors
High Efficiency Red (HER), Green,
AlGaAs Red, and Yellow
• Excellent appearance
Evenly lighted segments gray
package gives optimum contrast
± 50° viewing angle
• Design flexibility
Common anode or common cathode
Single digit
Left and right hand decimal point
• Categorized for luminous
intensity
Green and yellow categorized for
color
Applications
• Suitable for indoor use
• Not recommended for industrial
application, i.e., operating tem-
perature requirements exceeding
+85˚C or below –25˚C[1]
• Extreme temperature cycling not
recommended
Notes:
1. For additional details, please contact your
local Agilent sales office or an authorized
distributor.
Devices
HER
Green
AlGaAs Red
Yellow
Description
HDSP-511E
HDSP-511G
HDSP-511A
HDSP-511Y
Common Anode, Right Hand Decimal
HDSP-513E
HDSP-513G
HDSP-513A
HDSP-513Y
Common Cathode, Right Hand Decimal
The choice of colors includes
High Efficiency Red (HER),
Green, AlGaAs Red, and Yellow.
The gray face displays are
suitable for indoor use.


Similar Part No. - 5082-511A-0I000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5501-00000 HP-5082-5501-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0E000 HP-5082-5501-0E000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0F000 HP-5082-5501-0F000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0G000 HP-5082-5501-0G000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0H000 HP-5082-5501-0H000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results

Similar Description - 5082-511A-0I000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-513E AVAGO-HDSP-513E Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
HDSP-511X AVAGO-HDSP-511X Datasheet
78Kb / 9P
   14.22 mm (0.56 inch) General Purpose Seven-Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-521A HP-HDSP-521A Datasheet
336Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-521A AVAGO-HDSP-521A Datasheet
55Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Broadcom Corporation.
HDSP-521A BOARDCOM-HDSP-521A Datasheet
131Kb / 6P
   14.22 mm (0.56 inch) Dual Digit General Purpose Seven Segment Display
logo
Lite-On Technology Corp...
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-331X HP-HDSP-331X Datasheet
88Kb / 14P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-331X AVAGO-HDSP-331X Datasheet
82Kb / 12P
   7.62 mm (0.3 inch) General Purpose Seven-Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com