Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8979 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MT8979
Description  CEPT PCM 30/CRC-4 Frame & Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8979 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MT8979 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8979 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
MT8979
Data Sheet
3
Zarlink Semiconductor Inc.
11
17
ADI
Alternate Digit Inversion (Input): If this input is high, the CEPT timeslots which are
specified on CSTi0 as voice channels are ADI coded and decoded. When this bit is low it
disables ADI coding for all channels. This feature allows either ADI or non-ADI codecs to
be used on DSTi and DSTo.
12
19
CSTi0
Control ST-BUS Input #0: A 2048 kbit/s stream that contains 30 per channel control
words and two Master Control Words.
13
20
E8Ko
Extracted 8 kHz Clock (Output): An 8 kHz output generated by dividing the extracted
2048 kHz clock by 256 and aligning it with the received CEPT frame. The 8 kHz signal
can be used for synchronizing the system clock to the extracted 2048 kHz clock. Only
valid when device achieves synchronization (goes low during a loss of signal or a loss
of basic frame synchronization condition).
E8Ko goes high impedance when 8 kHzSEL = 0 in MCW2.
15
23
XCtl
External Control (Output): An uncommitted external output pin which is set or reset
via bit 1 in Master Control Word 2 on CSTi0. The state of XCtl is updated once per
frame.
16
24
XSt
External Status: The state of this pin is sampled once per frame and the status is
reported in bit 1 of the Master Status Word 1 on CSTo.
17
26
CSTo
Control ST-BUS Output: A 2048 kbit/s serial control stream which provides the 16
signalling words, two Master Status Words, Phase Status Word and CRC Error Count.
18
NC
No Connection.
19
28
DSTi
Data ST-BUS Input: This pin accepts a 2048 kbit/s serial stream which contains the 30
PCM or data channels to be transmitted on the CEPT trunk.
20
NC
No Connection.
21
34
C2i
2048 kbit/s System Clock (Input):
The master clock for the ST-BUS section of the
chip. All data on the ST-BUS is clocked in on the falling edge of the C2i and output on
the rising edge. The falling edge of C2i is also used to clock out data on the CEPT
transmit link.
22
37
TxMF
Transmit Multiframe Boundary (Input): This input can be used to set the channel
associated and CRC transmitted multiframe boundary (clear the frame counters). The
device will generate its own multiframe if this pin is held high.
23
38
RxMF
Received Multiframe Boundary (Output): An output pulse delimiting the received
Multiframe boundary. (This multiframe is not related to the received CRC multiframe.)
The next frame output on the data stream (DSTo) is received as frame 0 on the CEPT
link.
24
NC
No Connection.
25
40
E2i
Extracted 2048 kHz Clock (Input): The falling edge of this 2048 kHz clock is used to
latch the received data (RxD). This clock input must be derived from the CEPT
received data and must have its falling edge aligned with the center of the received bit
(RxD).
Pin Description (continued)
Pin #
Name
Description
DIP PLCC


Similar Part No. - MT8979

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8979 MITEL-MT8979 Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
MT8979AC MITEL-MT8979AC Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
MT8979AE MITEL-MT8979AE Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
MT8979AP MITEL-MT8979AP Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
More results

Similar Description - MT8979

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH89790B MITEL-MH89790B Datasheet
488Kb / 32P
   ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface Preliminary Information
MT8979 MITEL-MT8979 Datasheet
340Kb / 26P
   ISO-CMOS ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface
MH89791 MITEL-MH89791 Datasheet
119Kb / 4P
   CEPT PCM 30 Transmit Equalizer Advance Information
logo
Sames
SA9101 SAMES-SA9101 Datasheet
711Kb / 40P
   PCM FRAME ALIGNER
SA2030 SAMES-SA2030 Datasheet
218Kb / 12P
   PCM FRAME ALIGNER
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Rhombus Industries Inc.
T-13800 RHOMBUS-IND-T-13800 Datasheet
34Kb / 1P
   Transformers for T1 / CEPT / PCM Applications
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com