Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHLF6930Z4 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHLF6930Z4
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLF6930Z4 Datasheet(HTML) 8 Page - International Rectifier

  IRHLF6930Z4 Datasheet HTML 1Page - International Rectifier IRHLF6930Z4 Datasheet HTML 2Page - International Rectifier IRHLF6930Z4 Datasheet HTML 3Page - International Rectifier IRHLF6930Z4 Datasheet HTML 4Page - International Rectifier IRHLF6930Z4 Datasheet HTML 5Page - International Rectifier IRHLF6930Z4 Datasheet HTML 6Page - International Rectifier IRHLF6930Z4 Datasheet HTML 7Page - International Rectifier IRHLF6930Z4 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHLF6970Z4
Pre-Irradiation
8
www.irf.com
Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
Total Dose Irradiation with VGS Bias.
-10 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Total Dose Irradiation with VDS Bias.
-48 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
Repetitive Rating; Pulse width limited by
maximum junction temperature.
VDD = - 25V, starting TJ = 25°C, L= 8.0mH
Peak IL = -1.6A, VGS = -12V
ISD ≤ -1.6A, di/dt ≤ -170A/µs,
VDD ≤ - 60V, TJ ≤ 150°C
Footnotes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 07/03
Case Outline and Dimensions — TO-205AF (Modified TO-39)
LEGEND
1- SOURCE
2- GATE
3- DRAIN


Similar Part No. - IRHLF6930Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF630Z4 IRF-IRHLF630Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLF640Z4 IRF-IRHLF640Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLF670Z4 IRF-IRHLF670Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
IRHLF680Z4 IRF-IRHLF680Z4 Datasheet
149Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
More results

Similar Description - IRHLF6930Z4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLG77214 IRF-IRHLG77214 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
IRHLG7670Z4 IRF-IRHLG7670Z4 Datasheet
314Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB)
IRHLF770Z4 IRF-IRHLF770Z4 Datasheet
150Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
IRHLG7970Z4 IRF-IRHLG7970Z4 Datasheet
225Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB
IRHLF7970Z4 IRF-IRHLF7970Z4 Datasheet
155Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
RHLG77110 IRF-RHLG77110 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB
IRHLF77110 IRF-IRHLF77110 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
IRHLYS797034CM IRF-IRHLYS797034CM Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHLA7970Z4 IRF-IRHLA7970Z4 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (14-LEAD FLAT PACK
IRHLA7670Z4 IRF-IRHLA7670Z4 Datasheet
321Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (14-LEAD FLAT PACK)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com