Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25XX0-10XU-2.7 Datasheet(PDF) 2 Page - Rohm

Part # BR25XX0-10XU-2.7
Description  Supply voltage 2.7V~5.5V/Operating temperature -40C~85C type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25XX0-10XU-2.7 Datasheet(HTML) 2 Page - Rohm

  BR25XX0-10XU-2.7 Datasheet HTML 1Page - Rohm BR25XX0-10XU-2.7 Datasheet HTML 2Page - Rohm BR25XX0-10XU-2.7 Datasheet HTML 3Page - Rohm BR25XX0-10XU-2.7 Datasheet HTML 4Page - Rohm BR25XX0-10XU-2.7 Datasheet HTML 5Page - Rohm BR25XX0-10XU-2.7 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image


Similar Part No. - BR25XX0-10XU-2.7

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25XX0-10XU-1.8 ROHM-BR25XX0-10XU-1.8 Datasheet
347Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
More results

Similar Description - BR25XX0-10XU-2.7

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24CXX-10XU-2.7 ROHM-BR24CXX-10XU-2.7 Datasheet
294Kb / 6P
   Supply voltage 2.7V~5.5V/Operating temperature -40C~85C type
BR93CXX-10XU-2.7 ROHM-BR93CXX-10XU-2.7 Datasheet
282Kb / 6P
   Supply voltage 2.7V~5.5V/Operating temperature -40C~85C type
BR93CXX-XXX6TP ROHM-BR93CXX-XXX6TP Datasheet
312Kb / 6P
   Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-RXX6TP ROHM-BR24CXX-RXX6TP Datasheet
318Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type
BR24CXX-XX6TP ROHM-BR24CXX-XX6TP Datasheet
319Kb / 6P
   Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
   Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR25XX0-10XU-1.8 ROHM-BR25XX0-10XU-1.8 Datasheet
347Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR95XX0-RXX6TP ROHM-BR95XX0-RXX6TP Datasheet
320Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com