Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM182K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RM182K
Description  R. F. Molded Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM182K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RM182K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
Ohmite Mfg. Co. 1600 Golf Rd., Suite 850, Rolling Meadows, IL 60008 • Tel. 1-866-9-OHMITE • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
K, R, S, V & X Series
R. F. Molded Chokes
LD
1.438"
±0.188
36.525mm
±4.77
(Color coded in accordance with MIL-C-15305.)
Max.
Max.
Dielectric
Grade/
oper.
temp.
Ambient
withstanding voltage
Terminal
Series Construction
Inductance
Style
Class
temp.
rise
temp.
(sea level) (reduced pressure)
pull
Altitude
K
Phenolic
0.15–4.7 µH LT4
1/B
125°C
35°C 90°C
1000VRMS 200VRMS
5 lbs. 70,000 ft.
Powd. iron 0.56–1000 µH LT10
1/A
105°C
15°C
"
"
"
"
"
R
Phenolic
0.15–2.7 µH LT4
1/B
125°C
35°C 90°C
1000VRMS 200VRMS
5 lbs. 70,000 ft.
Powd. iron
3.3–27 µH LT10
1/A
105°C
15°C
"
"
"
"
"
S, V
270–
LT10
1/A
105°C
15°C 90°C
700VRMS
180VRMS
5 lbs. 70,000 ft.
& X
10,000 µH
STOCK PART NUMBERS
* For example, the MS designation for
KM150M is 18130-1
** Letter suffix on part number denotes toler-
ance: J=5%, K=10%, M=20%
18130
KM150M
1
0.15
50
25
525
0.03
2450
KM220M
2
0.22
50
25
450
0.055
1900
KM330M
3
0.33
45
25
360
0.09
1400
KM470M
4
0.47
45
25
310
0.12
1225
KM560K
5
0.56
50
25
280
0.135
1220
KM680K
6
0.68
50
25
250
0.15
1100
KM820K
7
0.82
50
25
220
0.22
900
KM101K
8
1.00
50
25
200
0.29
830
KM121K
9
1.20
33
7.9
180
0.42
650
KM151K
10
1.50
33
7.9
160
0.50
600
KM181K
11
1.80
33
7.9
150
0.65
525
KM221K
12
2.20
33
7.9
135
0.95
435
KM271K
13
2.70
33
7.9
120
1.20
385
KM331K
14
3.30
33
7.9
110
2.00
300
KM391K
15
3.90
33
7.9
100
2.30
280
KM471K
16
4.70
33
7.9
90
2.60
260
14046
KM561K
1
5.60
45
7.9
60
0.32
495
KM681K
2
6.80
50
7.9
55
0.50
395
KM821K
3
8.20
50
7.9
50
0.60
360
KM102K
4
10.00
55
7.9
45
0.90
290
KM122K
5
12.00
65
2.5
42
1.10
265
KM152K
6
15.00
65
2.5
40
1.40
240
KM182K
7
18.00
75
2.5
34
2.25
185
KM222K
8
22.00
75
2.5
30
2.50
175
KM272K
9
27.00
60
2.5
25
2.60
170
KM332K
10
33.00
65
2.5
19
3.00
165
90538
KM362J
1
36.00
60
2.5
15.5
2.50
180
KM392J
2
39.00
60
2.5
14.5
2.60
176
KM432J
3
43.00
60
2.5
13.7
2.70
172
KM472J
4
47.00
55
2.5
13.0
2.75
170
KM512J
5
51.00
55
2.5
12.7
2.85
167
KM562J
6
56.00
55
2.5
12.0
3.00
164
KM622J
7
62.0
55
2.5
11.5
3.15
160
KM682J
8
68.0
55
2.5
11.0
3.30
156
KM752J
9
75.0
55
2.5
10.5
3.70
147
KM822J
10
82.0
50
2.5
10.3
3.90
143
KM912J
11
91.0
50
2.5
10.0
4.3
136
90538
KM103J
12
100.0
50
2.5
9.5
4.50
133
KM113J
13
110.0
60
0.79
8.9
4.90
128
KM123J
14
120.0
65
0.79
8.7
5.20
124
KM133J
15
130.0
65
0.79
8.5
5.45
121
KM153J
16
150.0
65
0.79
8.0
6.05
114
KM163J
17
160.0
65
0.79
7.5
6.40
111
KM183J
18
180.0
65
0.79
7.0
6.75
108
KM203J
19
200.0
65
0.79
6.5
7.10
106
KM223J
20
220.0
65
0.79
6.2
7.45
103
KM243J
21
240.0
65
0.79
5.9
7.80
101
KM273J
270.0
65
0.79
5.7
11.0
85
KM303J
300.0
65
0.79
5.4
11.5
83
KM333J
330.0
65
0.79
5.1
12.0
81
KM363J
360.0
65
0.79
4.8
12.5
80
KM393J
390.0
65
0.79
4.5
16.3
70
KM433J
430.0
65
0.79
4.2
17.1
68
KM473J
470.0
65
0.79
3.9
17.9
67
KM513J
510.0
65
0.79
3.8
18.8
65
KM563J
560.0
65
0.79
3.7
19.5
64
KM623J
620.0
65
0.79
3.3
25.9
55
KM683J
680.0
65
0.79
3.1
27.2
54
KM753J
750.0
65
0.79
2.9
28.6
53
KM823J
820.0
65
0.79
2.7
30.0
52
KM913J
910.0
65
0.79
2.5
31.5
50
KM104J
1000.0
65
0.79
2.3
33.0
49
MS75008
RM150M
21
0.15
55
25.0
510
0.030
3000
RM220M
22
0.22
50
25.0
415
0.035
2800
RM330M
23
0.33
50
25.0
350
0.065
2000
RM470M
24
0.47
50
25.0
300
0.085
1700
RM560K
25
0.56
50
25.0
270
0.125
1450
RM680K
26
0.68
45
25.0
250
0.150
1300
RM820K
27
0.82
40
25.0
210
0.205
1100
RM101K
28
1.00
40
25.0
200
0.290
930
RM121K
29
1.20
30
7.9
180
0.400
785
RM151K
30
1.50
30
7.9
170
0.485
700
RM181K
31
1.80
30
7.9
150
0.740
580
RM221K
32
2.20
30
7.9
140
0.970
505
RM271K
33
2.70
30
7.9
120
1.20
460
MS75101
RM331K
1
3.30
30
7.9
70
0.140
990
RM391K
2
3.90
30
7.9
65
0.155
870
RM471K
3
4.70
30
7.9
60
0.210
745
RM561K
4
5.60
30
7.9
50
0.280
645
RM681K
5
6.80
30
7.9
50
0.375
560
RM821K
6
8.20
30
7.9
48
0.440
540
RM102K
7
10.00
30
7.9
42
0.605
440
MS75101
RM122K
8
12.00 50
2.5
36
1.05
370
RM152K
9
15.00 55
2.5
30
1.20
310
RM182K
10
18.00 60
2.5
30
1.95
255
RM222K
11
22.00 60
2.5
24
2.20
240
RM272K
12
27.00 65
2.5
22
2.75
205
MS90539
SM273J
1
270
65
0.79
5.6
8.2
110
SM303J
2
300
65
0.79
5.3
8.7
107
SM333J
3
330
65
0.79
5.0
9.1
105
SM363J
4
360
65
0.79
4.7
9.6
102
SM393J
5
390
65
0.79
4.5
10.0
100
SM433J
6
430
65
0.79
4.3
10.6
97
SM473J
7
470
65
0.79
4.0
11.1
95
SM513J
8
510
65
0.79
3.8
11.6
93
SM563J
9
560
65
0.79
3.6
12.3
91
SM623J
10
620
60
0.79
3.5
13.0
88
SM683J
11
680
60
0.79
3.4
13.7
85
SM753J
12
750
60
0.79
3.3
14.4
83
SM823J
13
820
60
0.79
3.1
15.1
81
SM913J
14
910
60
0.79
2.9
15.8
79
SM104J
15
1000
60
0.79
2.8
16.5
78
MS90540
VM114J
1
1100
60
0.25
2.8
21.0
78
VM124J
2
1200
60
0.25
2.7
22.0
76
VM134J
3
1300
60
0.25
2.6
23.0
75
VM154J
4
1500
65
0.25
2.4
25.0
72
VM164J
5
1600
65
0.25
2.3
26.0
70
VM184J
6
1800
65
0.25
2.2
28.0
68
VM204J
7
2000
65
0.25
2.1
29.0
67
VM224J
8
2200
70
0.25
2.0
30.0
66
VM244J
9
2400
70
0.25
1.9
31.0
64
VM274J
10
2700
70
0.25
1.8
33.0
62
VM304J
11
3000
70
0.25
1.7
35.0
61
VM334J
12
3300
70
0.25
1.6
38.0
58
VM364J
13
3600
70
0.25
1.5
40.0
57
MS90541
XM394J
1
3900
80
0.25
1.45
44.0
61
XM434J
2
4300
80
0.25
1.40
46.0
59
XM474J
3
4700
80
0.25
1.35
48.0
58
XM504J
4
5000
80
0.25
1.30
50.0
57
XM564J
5
5600
80
0.25
1.25
53.0
56
XM624J
6
6200
80
0.25
1.20
56.0
54
XM684J
7
6800
80
0.25
1.15
59.0
52
XM754J
8
7500
80
0.25
1.10
62.0
51
XM824J
9
8200
80
0.25
1.05
65.0
50
XM914J
10
9100
80
0.25
1.00
68.0
49
XM105J
11
10000
80
0.25
0.95
72.0
47
Dimensions (in. / mm)
Series
Length
Diameter
AWG
K
0.375 ± 0.010 0.156 ± 0.010
22
9.525 ± 0.25
3.962 ± 0.25
R
0.438 ± 0.010 0.188 ±0.010
22
11.125 ± 0.25 4.775 ± 0.25
S
0.440 ± 0.010 0.190 ± 0.010
22
4.917 ± 0.25
4.826 ± 0.25
V
0.560 ± 0.010 0.215 ± 0.010
22
14.224 ± 0.25 5.461 ± 0.25
X
0.740 ± 0.010 0.240 ± 0.010
20
18.796 ± 0.25 6.096 ± 0.25
This product has been
DISCONTINUED


Similar Part No. - RM182K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RM18 MCC-RM18 Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1800E MCC-RM1800E Datasheet
71Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1800E MCC-RM1800E Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1800E MCC-RM1800E Datasheet
244Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM1800E MCC-RM1800E Datasheet
265Kb / 3P
   500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results

Similar Description - RM182K

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
Z-7 OHMITE-Z-7 Datasheet
138Kb / 1P
   R. F. Plate Chokes
logo
Allied Components Inter...
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
   Axial Molded Power Chokes
AMPC24 ALLIED-AMPC24 Datasheet
605Kb / 2P
   Axial Molded Power Chokes
AMPC20-3R9K-RC ALLIED-AMPC20-3R9K-RC Datasheet
745Kb / 1P
   Axial Molded Power Chokes
APC45 ALLIED-APC45 Datasheet
1Mb / 1P
   Axial Molded Power Chokes
logo
Adam Technologies, Inc.
RF4-21-DP-XX-75-GP ADAM-TECH-RF4-21-DP-XX-75-GP Datasheet
83Kb / 1P
   R/A ADAPTER F
logo
JJ Electronic
ECC83S JJ-ELECTRONIC-ECC83S Datasheet
206Kb / 1P
   R. F. DOUBLE TRIODE
logo
Adam Technologies, Inc.
RF4-21-D-XX-75 ADAM-TECH-RF4-21-D-XX-75 Datasheet
100Kb / 1P
   R/A ADAPTER F
logo
Winchester Electronics ...
TRU-11222-RA WINCHESTER-TRU-11222-RA Datasheet
34Kb / 1P
   2.92mm(f) to 2.92mm(f) R/A ADAPTER
logo
CAMBION Electronic Comp...
550-3640 CAMBION-550-3640 Datasheet
33Kb / 2P
   R F Choke, moulded, axial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com