Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1500WR-S-F-12P Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A1500WR-S-F-12P
Description  1.50mm pitch wire to board connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A1500WR-S-F-12P Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A1500WR-S-F-12P Datasheet HTML 1Page - List of Unclassifed Manufacturers A1500WR-S-F-12P Datasheet HTML 2Page - List of Unclassifed Manufacturers A1500WR-S-F-12P Datasheet HTML 3Page - List of Unclassifed Manufacturers A1500WR-S-F-12P Datasheet HTML 4Page - List of Unclassifed Manufacturers A1500WR-S-F-12P Datasheet HTML 5Page - List of Unclassifed Manufacturers A1500WR-S-F-12P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TEL:886-2-8648-0379
FAX:886-2-8647-8373 E-MAIL:info@hr-connector.com.tw
C
B
A
68
A1500 SERIES
1.50mm pitch wire to board connector
Reference Informations:
*Material: Nylon 66,UL94V-0
*Suitable H.R A1500 series Terminal
*Mates with H.R A1500 series Wafer
Reference Informations:
*Material: Pin: Brass/Tin-plated
Wafer: Nylon 66,UL94V-0
*Mates with H.R A1500 series Housing
)#0
1.50mm pitch Housing
Unit:mm
Ordering Information & Dimensions:
PART NO.
A1500WV-2P
A1500WV-3P
A1500WV-4P
A1500WV-5P
A1500WV-6P
A1500WV-7P
A1500WV-8P
A1500WV-9P
A1500WV-10P
A1500WV-11P
A1500WV-12P
A1500WV-13P
B
4.50
6.00
7.50
9.00
10.50
12.00
13.50
15.00
16.50
18.00
19.50
21.00
Dimensions
A
1.50
3.00
4.50
6.00
7.50
9.00
10.50
12.00
13.50
15.00
16.50
18.00
Unit:mm
Ordering Information & Dimensions:
PART NO.
A1500H-2P
A1500H-3P
A1500H-4P
A1500H-5P
A1500H-6P
A1500H-7P
A1500H-8P
A1500H-9P
A1500H-10P
A1500H-11P
A1500H-12P
A1500H-13P
B
4.50
6.00
7.50
9.00
10.50
12.00
13.50
15.00
16.50
18.00
19.50
21.00
Dimensions
A
1.50
3.00
4.50
6.00
7.50
9.00
10.50
12.00
13.50
15.00
16.50
18.00
)#98
1.50mm pitch 180o Wafer
P.C.B LAYOUT


Similar Part No. - A1500WR-S-F-12P

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
A1500-40-3X BARRY-A1500-40-3X Datasheet
134Kb / 1P
   BeO 15 dB FLANGED ATTENUATOR
Revision Date 11/24/08
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
A1500RW MPD-A1500RW Datasheet
264Kb / 2P
   A1500RW SERIES
More results

Similar Description - A1500WR-S-F-12P

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5025780700 MOLEX11-5025780700 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board Housing
0639125000 MOLEX11-0639125000 Datasheet
32Kb / 1P
   T2 Terminator for 1.50mm Pitch Wire-to-Board Terminal
5031543290 MOLEX11-5031543290 Datasheet
538Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle
5025840970 MOLEX11-5025840970 Datasheet
600Kb / 7P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle
5031542890 MOLEX11-5031542890 Datasheet
539Kb / 6P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle
5031591300 MOLEX11-5031591300 Datasheet
233Kb / 3P
   1.50mm (.059") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle
0639025000 MOLEX-0639025000 Datasheet
46Kb / 2P
   FineAdjust Applicator for 1.50mm Pitch Wire-to-Board Crimp Terminals
11/02/2021
63813-3700 MOLEX11-63813-3700 Datasheet
35Kb / 1P
   Extractor Tool for 1.50mm Pitch Wire-to-Board Crimp Terminal
0638133700 MOLEX-0638133700 Datasheet
34Kb / 3P
   Extractor Tool for 1.50mm Pitch Wire-to-Board Crimp Terminal
11/02/2021
63902-5000 MOLEX11-63902-5000 Datasheet
39Kb / 1P
   FineAdjust Applicator for 1.50mm Pitch Wire-to-Board Crimp Terminals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com