Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD813F1AV-70UT Datasheet(PDF) 6 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 2Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 3Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 4Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 5Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 6Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 7Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 8Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 9Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
PSD813F1V
6/110
SUMMARY DESCRIPTION
The PSD family of Programmable Microcontroller
(MCU) Peripherals brings In-System Programma-
bility (ISP) to Flash memory and programmable
logic. The result is a simple and flexible solution for
embedded designs. PSD devices combine many
of the peripheral functions found in MCU based
applications.
PSD devices integrate an optimized “microcontrol-
ler macrocell” logic architecture. The Macrocell
was created to address the unique requirements
of embedded system designs. It allows direct con-
nection between the system address/data bus and
the internal PSD registers to simplify communica-
tion between the MCU and other supporting devic-
es.
The PSD family offers two methods to program
PSD Flash memory while the PSD is soldered to a
circuit board.
In-System Programming (ISP) via JTAG
An IEEE 1149.1 compliant JTAG interface is in-
cluded on the PSD enabling the entire device
(Flash memory, EEPROM, the PLD, and all con-
figuration) to be rapidly programmed while sol-
dered to the circuit board. This requires no MCU
participation, which means the PSD can be pro-
grammed anytime, even while completely blank.
The innovative JTAG interface to Flash memories
is an industry first, solving key problems faced by
designers and manufacturing houses, such as:
First time programming. How do I get firmware
into the Flash the very first time? JTAG is the an-
swer, program the PSD while blank with no MCU
involvement.
Inventory build-up of pre-programmed devic-
es. How do I maintain an accurate count of pre-
programmed Flash memory and PLD devices
based on customer demand? How many and what
version? JTAG is the answer, build your hardware
with blank PSDs soldered directly to the board and
then custom program just before they are shipped
to customer. No more labels on chips and no more
wasted inventory.
Expensive sockets. How do I eliminate the need
for expensive and unreliable sockets? JTAG is the
answer. Solder the PSD directly to the circuit
board. Program first time and subsequent times
with JTAG. No need to handle devices and bend
the fragile leads.
In-Application Programming (IAP)
Two independent memory arrays (Flash and EE-
PROM) are included so the MCU can execute
code from one memory while erasing and pro-
gramming the other. Robust product firmware up-
dates
in
the
field
are
possible
over
any
communication channel (CAN, Ethernet, UART,
J1850, etc.) using this unique architecture. De-
signers are relieved of these problems:
Simultaneous read and write to Flash memo-
ry. How can the MCU program the same memory
from which it is executing code? It cannot. The
PSD allows the MCU to operate the two memories
concurrently, reading code from one while erasing
and programming the other during IAP.
Complex memory mapping. I have only a 64K-
byte address space to start with. How can I map
these two memories efficiently? A Programmable
Decode PLD is the answer. The concurrent PSD
memories can be mapped anywhere in MCU ad-
dress space, segment by segment with extremely
high address resolution. As an option, the second-
ary Flash memory can be swapped out of the sys-
tem memory map when IAP is complete. A built-in
page register breaks the 64K-byte address limit.
Separate program and data space. How can I
write to Flash or EEPROM memory while it resides
in “program” space during field firmware updates,
my MCU won’t allow it! The Flash PSD provides
means to “reclassify” Flash or EEPROM memory
as “data” space during IAP, then back to “program”
space when complete.
PSDsoft Express
PSDsoft Express, a software development tool
from ST, guides you through the design process
step-by-step making it possible to complete an
embedded MCU design capable of ISP/IAP in just
hours. Select your MCU and PSDsoft Express
takes you through the remainder of the design with
point and click entry, covering PSD selection, pin
definitions, programmable logic inputs and out-
puts, MCU memory map definition, ANSI-C code
generation for your MCU, and merging your MCU
firmware with the PSD design. When complete,
two different device programmers are supported
directly from PSDsoft Express: FlashLINK (JTAG)
and PSDpro.


Similar Part No. - PSD813F1AV-70UT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A-12J STMICROELECTRONICS-PSD813F1A-12J Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1A-12JI STMICROELECTRONICS-PSD813F1A-12JI Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1A-12JT STMICROELECTRONICS-PSD813F1A-12JT Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD813F1A-12M STMICROELECTRONICS-PSD813F1A-12M Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
More results

Similar Description - PSD813F1AV-70UT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F1-A STMICROELECTRONICS-PSD813F1-A Datasheet
563Kb / 120P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD913F2 STMICROELECTRONICS-PSD913F2 Datasheet
476Kb / 94P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PSD813F2 STMICROELECTRONICS-PSD813F2 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
June 2004
PSD813F1 STMICROELECTRONICS-PSD813F1 Datasheet
1Mb / 110P
   Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
   Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PSD813F2V STMICROELECTRONICS-PSD813F2V_09 Datasheet
914Kb / 109P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PSD8XXFX STMICROELECTRONICS-PSD8XXFX Datasheet
1Mb / 128P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD813F1A STMICROELECTRONICS-PSD813F1A Datasheet
1Mb / 111P
   Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PSD4235G2 STMICROELECTRONICS-PSD4235G2 Datasheet
703Kb / 89P
   Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com