Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USD134 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # USD134
Description  0.35 um ULC Series with Embedded DPRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

USD134 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button USD134 Datasheet HTML 3Page - ATMEL Corporation USD134 Datasheet HTML 4Page - ATMEL Corporation USD134 Datasheet HTML 5Page - ATMEL Corporation USD134 Datasheet HTML 6Page - ATMEL Corporation USD134 Datasheet HTML 7Page - ATMEL Corporation USD134 Datasheet HTML 8Page - ATMEL Corporation USD134 Datasheet HTML 9Page - ATMEL Corporation USD134 Datasheet HTML 10Page - ATMEL Corporation USD134 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
4319B–ULC–12/03
Electrical Characteristics
Absolute Maximum Ratings
Operating Temperature
Commercial..........................................................0
° to 70°C
Industrial...............................................................-40
° to 85°C
Max Supply Core Voltage (V
DD)..........................3.6V
Max Supply Periphery Voltage (V
DD5).................5.5V
Input Voltage (V
IN)VDD.............................................+0.5V
5V Tolerant/Compliant V
DD5................................+0.5V
Storage Temperature...........................................-65
° to 150°C
Operating Ambient Temperature.......................-55
° to 125°C
*NOTICE:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions may affect device reliability.
This value is based on the maximum allowable
die temperature and the thermal resistance of
the package.


Similar Part No. - USD134

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USD12WG-CA2-R UTC-USD12WG-CA2-R Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
USD12WG-CB2-R UTC-USD12WG-CB2-R Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
USD12WL-CA2-R UTC-USD12WL-CA2-R Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
USD12WL-CB2-R UTC-USD12WL-CB2-R Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
USD15WG-CA2-R UTC-USD15WG-CA2-R Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
More results

Similar Description - USD134

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATU18 ATMEL-ATU18 Datasheet
186Kb / 12P
   0.18um ULC Series with Embedded DPRAM
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
   0.35 關m ULC
logo
ams AG
ON33 AMSCO-ON33 Datasheet
12Kb / 1P
   0.35 UM CMOS
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT Datasheet
789Kb / 22P
   Radiation Tolerant 0.35 um CMOS
UG01 ATMEL-UG01 Datasheet
38Kb / 7P
   0.6um ULC Series
logo
UN Semiconducctor INC
ESD05V72T-ULC UNSEMI-ESD05V72T-ULC Datasheet
124Kb / 1P
   ESD05V72T-ULC
2023-06-20
logo
TDK Electronics
SD0201SL-ULC101 TDK-SD0201SL-ULC101 Datasheet
419Kb / 12P
   WL-CSP0201 Slim-line, ULC type
2021-04-07 Version: 1
logo
ATMEL Corporation
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
   1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
logo
Caliber Electronics Inc...
GA32C1 CALIBER-GA32C1 Datasheet
51Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
logo
List of Unclassifed Man...
GA32C3 ETC2-GA32C3 Datasheet
46Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com